Electronic Components Datasheet Search
  English  ▼

X  

85.02 Datasheet(PDF) 3 Page - Finder Relays, Inc.

Part # 85.02
Description  Miniature plug-in timers 7 - 10 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINDER [Finder Relays, Inc.]
Direct Link  https://www.findernet.com/en/uk
Logo FINDER - Finder Relays, Inc.

85.02 Datasheet(HTML) 3 Page - Finder Relays, Inc.

  85.02 Datasheet HTML 1Page - Finder Relays, Inc. 85.02 Datasheet HTML 2Page - Finder Relays, Inc. 85.02 Datasheet HTML 3Page - Finder Relays, Inc. 85.02 Datasheet HTML 4Page - Finder Relays, Inc. 85.02 Datasheet HTML 5Page - Finder Relays, Inc. 85.02 Datasheet HTML 6Page - Finder Relays, Inc. 85.02 Datasheet HTML 7Page - Finder Relays, Inc. 85.02 Datasheet HTML 8Page - Finder Relays, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
H
Functions
U = Supply
voltage
= Output
contact
LED
Supply
voltage
NO (SPDT-NO)
output contact
Contacts
Open
Closed
OFF
Open
x1 - x4
x1 - x2
ON
Open
x1 - x4
x1 - x2
ON
Open
(Timing in Progress)
x1 - x4
x1 - x2
ON
Closed
x1 - x2
x1 - x4
Wiring diagram
Type: 85.02, 85.03, 85.04
85.02
85.03
85.04
(AI) On-delay.
Apply power to timer.
Output contacts transfer after preset time has elapsed.
Reset occurs when power is removed.
(DI) Interval.
Apply power to timer.
Output contacts transfer immediately.
After the preset time has elapsed, contacts reset.
(GI) Pulse delayed.
Apply power to timer. Output contacts transfer after
preset time has elapsed. Reset occurs after a fixed time
of 0.5 s.
(SW) Symmetrical flasher (starting pulse on).
Apply power to timer.
Output contacts transfer immediately and cycle
between ON and OFF for as long as power is applied.
The ratio is 1:1 (time on = time off).
U
= Supply voltage
S
= Signal switch
Uc
= Supply voltage
to the timer
11-14 = Self-holding
contact
= Output contact
Signal ON Pulse
On mometary closure of Signal Switch (S) > 50 ms,
the output contacts transfer and remain so (with self-
holding on contact 11-14) for the duration of the preset
delay, after which they reset.
3
85
SERIES
85 SERIES
Miniature plug-in timers 7 - 10 A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com