Electronic Components Datasheet Search
  English  ▼

X  

85.02 Datasheet(PDF) 2 Page - Finder Relays, Inc.

Part # 85.02
Description  Miniature plug-in timers 7 - 10 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINDER [Finder Relays, Inc.]
Direct Link  https://www.findernet.com/en/uk
Logo FINDER - Finder Relays, Inc.

85.02 Datasheet(HTML) 2 Page - Finder Relays, Inc.

  85.02 Datasheet HTML 1Page - Finder Relays, Inc. 85.02 Datasheet HTML 2Page - Finder Relays, Inc. 85.02 Datasheet HTML 3Page - Finder Relays, Inc. 85.02 Datasheet HTML 4Page - Finder Relays, Inc. 85.02 Datasheet HTML 5Page - Finder Relays, Inc. 85.02 Datasheet HTML 6Page - Finder Relays, Inc. 85.02 Datasheet HTML 7Page - Finder Relays, Inc. 85.02 Datasheet HTML 8Page - Finder Relays, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
H
Ordering information
Example: 85 series timer, 4 CO (4PDT), 24 V AC/DC supply voltage, AI, DI, GI, SW functions.
8 5 . 0
4 . 0 . 0 2 4 . 0
0
0
0
Series
Type
0 = Multifunction (AI, DI, GI, SW)*
* AI = On-delay
DI = Interval
GI = Pulse delayed
SW = Symmetrical flasher
(starting pulse on)
No. of poles
2 = 2 pole - 10 A
3 = 3 pole - 10 A
4 = 4 pole - 7 A
Supply voltage
012 = 12 V AC/DC
024 = 24 V AC/DC
048 = 48 V AC/DC
125 = (110…125)V AC/DC
240 = (230…240)V AC
Supply version
0 = AC (50/60 Hz)/DC
8 = AC (50/60 Hz) for 240 V only
Technical data
Insulation
Dielectric strength
85.02, 85.03
85.04
between input and output circuit
V AC 2000
2000
between open contacts
V AC 1000
1000
between adjacent contacts
V AC 2000
1550
Insulation (1.2/50 µs) between input and output
kV 6
4
EMC specifications
Type of test
Reference standard
Electrostatic discharge
contact discharge
EN 61000-4-2
n.a.
air discharge
EN 61000-4-2
8 kV
Radio-frequency electromagnetic field (80 ÷ 1000 MHz)
EN 61000-4-3
15 V/m
Fast transients (burst) (5-50 ns, 5 kHz) on Supply terminals
EN 61000-4-4
4 kV
Surges (1.2/50 µs) on
common mode
EN 61000-4-5
4 kV
Supply terminals
differential mode
EN 61000-4-5
2 kV
Radio-frequency common mode (0.15 ÷ 80 MHz) on Supply terminals
EN 61000-4-6
10 V
Power-frequency (50 Hz)
EN 61000-4-8
30 A/m
Radiated and conducted emission
EN 55022
class B
Other data
Power lost to the environment
without contact current
W 1.6
with rated current
W 3.7 (85.02)
4.7 (85.03)
3.6 (85.04)
Times scales
NOTE: time scales and functions must be set before energising the timer.
2
85 SERIES
Miniature plug-in timers 7 - 10 A
85
SERIES



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com