Electronic Components Datasheet Search
  English  ▼

X  

MPQ7220 Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MPQ7220
Description  6-Channel, Max 100mA/Ch Boost LED Driver, AEC-Q100 Qualified
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ7220 Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MPQ7220 Datasheet HTML 16Page - Monolithic Power Systems MPQ7220 Datasheet HTML 17Page - Monolithic Power Systems MPQ7220 Datasheet HTML 18Page - Monolithic Power Systems MPQ7220 Datasheet HTML 19Page - Monolithic Power Systems MPQ7220 Datasheet HTML 20Page - Monolithic Power Systems MPQ7220 Datasheet HTML 21Page - Monolithic Power Systems MPQ7220 Datasheet HTML 22Page - Monolithic Power Systems MPQ7220 Datasheet HTML 23Page - Monolithic Power Systems MPQ7220 Datasheet HTML 24Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
MPQ7220
– 6-CHANNEL BOOST LED DRIVER WITH MAX 100mA/CHANNEL
MPQ7220 Rev. 1.0
MonolithicPower.com
21
7/30/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
DIM
1
NC
2
FREQ/SYNC
3
EN
4
AGND
5
AGND
6
LED4
13
LED3
14
LED2
15
LED1
16
PGND
17
SW
18
MPQ7220GR
M1
AM4841P
0.1µF/50V
C3
GND
1µF
C4
GND
VCC
10k
R2
D1
B360
4.7µF/50V
C2B
GND
GND
191k
R3
10k
R4
100pF
C9
GND
12.4k
R12
GND
GND
270
R10
470nF
C8
GND
46.4k
R7
GND
22µH
L1
100
R1
1k
R5
GND
1k
R8
100k
R9
100k
R6
GND
DIM
EN
VCC
100k
R11
1nF
C7
FF
SYNC
OUT
LED1
LED2
LED3
LED4
LED5
LED6
LED1
LED2
LED3
LED4
LED5
LED6
GND
D2
B240
4.7µF/50V
C2A
GND
4.7µF/50V
4.7µF/50V
C1A
GND
C1B
VIN
0.1µF/50V
C2C
ILED = 0.6A
Figure 3: ISET = 100mA, fSW = 470kHz, Application Circuit for QFN-24 Package
DIM
5
NC
2,4,6,
22,24
FREQ/SYNC
7
EN
8
AGND
9
AGND
10
LED4
17
LED3
18
LED2
19
LED1
20
PGND
21
SW
23
MPQ7220GR
M1
AM4841P
0.1µF/50V
C3
GND
1µF
C4
GND
VCC
10k
R2
D1
B360
4.7µF/50V
C2B
GND
GND
191k
R3
10k
R4
100pF
C9
GND
12.4k
R12
GND
GND
270
R10
470nF
C8
GND
46.4k
R7
GND
22µH
L1
100
R1
1k
R5
GND
1k
R8
100k
R9
100k
R6
GND
DIM
EN
VCC
100k
R11
1nF
C7
FF
SYNC
OUT
LED1
LED2
LED3
LED4
LED5
LED6
LED1
LED2
LED3
LED4
LED5
LED6
GND
D2
B240
4.7µF/50V
C2A
GND
4.7µF/50V
4.7µF/50V
C1A
GND
C1B
VIN
0.1µF/50V
C2C
ILED = 0.6A
Figure 4: ISET = 100mA, fSW = 470kHz, Application Circuit for TSSOP-28 Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com