Electronic Components Datasheet Search
  English  ▼

X  

MPQ7220 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MPQ7220
Description  6-Channel, Max 100mA/Ch Boost LED Driver, AEC-Q100 Qualified
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ7220 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MPQ7220 Datasheet HTML 1Page - Monolithic Power Systems MPQ7220 Datasheet HTML 2Page - Monolithic Power Systems MPQ7220 Datasheet HTML 3Page - Monolithic Power Systems MPQ7220 Datasheet HTML 4Page - Monolithic Power Systems MPQ7220 Datasheet HTML 5Page - Monolithic Power Systems MPQ7220 Datasheet HTML 6Page - Monolithic Power Systems MPQ7220 Datasheet HTML 7Page - Monolithic Power Systems MPQ7220 Datasheet HTML 8Page - Monolithic Power Systems MPQ7220 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
MPQ7220
– 6-CHANNEL BOOST LED DRIVER WITH MAX 100mA/CHANNEL
MPQ7220 Rev. 1.0
MonolithicPower.com
4
7/30/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
PACKAGE REFERENCE
TOP VIEW
DIM
FREQ/SYNC
EN
AGND
AGND
PGND
LED4
LED1
LED2
1
2
3
4
5
6
18
17
16
15
14
13
LED3
NC
SW
Exposed Pad
TOP VIEW
PGND
DIM
FREQ
/SYNC
FF
26
25
24
23
Exposed Pad
28
27
7
8
NC
VCC
AGND
AGND
OVP
22
21
3
4
5
6
1
2
COMP
AGND
9
10
ISET
20
19
STH
FSP
VIN
SW
11
12
NC
NC
LED1
18
17
LED2
13
14
LED3
16
15
EN
SD
NC
LED4
LED5
LED6
NC
QFN-24 (4mmx4mm)
TSSOP28-EP
PIN FUNCTIONS
QFN24
Pin #
TSSOP28-
EP Pin #
Name
Description
1
5
DIM
DIM signal input. Apply a PWM signal on DIM for brightness control.
Pulled low internally. A 100Hz to 20kHz PWM signal is recommended.
Pull this pin high if the dimming function not used.
2
2, 4, 6, 22,
24
NC
Not connected.
3
7
FREQ/SYNC
Switching frequency setting and SYNC pin. Connect a resistor
between this pin and GND to set the converter’s switching frequency. Or
connect an external clock to sync the boost switching frequency.
4
8
EN
IC enable pin. Pull this pin to high enable the IC. Pull this pin low to force
the IC to enter shutdown mode.
7
11
COMP
Compensation pin.
8
12
FF
Fault flag pin. Open drain during normal operation, pulled low in any fault
mode. Float FF if not used.
9
13
ISET
LED current setting. Tie a current-setting resistor from this pin to ground
to program the current in each LED string.
5, 6, 10
9, 10, 14
AGND
Analog ground.
11
15
LED6
LED string 6 current input. Connect the LED string 6 cathode to this pin.
12
16
LED5
LED string 5 current input. Connect the LED string 5 cathode to this pin.
13
17
LED4
LED string 4 current input. Connect the LED string 4 cathode to this pin.
14
18
LED3
LED string 3 current input. Connect the LED string 3 cathode to this pin.
15
19
LED2
LED string 2 current input. Connect the LED string 2 cathode to this pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com