Electronic Components Datasheet Search
  English  ▼

X  

MPQ7220 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MPQ7220
Description  6-Channel, Max 100mA/Ch Boost LED Driver, AEC-Q100 Qualified
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ7220 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MPQ7220 Datasheet HTML 9Page - Monolithic Power Systems MPQ7220 Datasheet HTML 10Page - Monolithic Power Systems MPQ7220 Datasheet HTML 11Page - Monolithic Power Systems MPQ7220 Datasheet HTML 12Page - Monolithic Power Systems MPQ7220 Datasheet HTML 13Page - Monolithic Power Systems MPQ7220 Datasheet HTML 14Page - Monolithic Power Systems MPQ7220 Datasheet HTML 15Page - Monolithic Power Systems MPQ7220 Datasheet HTML 16Page - Monolithic Power Systems MPQ7220 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
MPQ7220
– 6-CHANNEL BOOST LED DRIVER WITH MAX 100mA/CHANNEL
MPQ7220 Rev. 1.0
MonolithicPower.com
13
7/30/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 12V, L = 22μH, LED = 6P12S, fSW = 470kHz, ISET = 100mA, TA = 25°C, unless otherwise noted.
PWM Dimming On
PWM Dimming Off
CH2: VDIM
CH3: ILED
CH4:IL
CH1:VSW
CH2: VDIM
CH3: ILED
CH4:IL
CH1:VSW
All 6 Strings LED Open Power On
All 6 Strings LED Open Entry
CH3: VIN
CH2: VFF
CH4: IL
CH1:VSW
CH2: VFF
CH3: ILED
CH4: IL
CH1:VSW
1 String LED Open Entry
1 String LED Open Recovery
CH2: VFF
CH3: ILED
CH4: IL
CH1:VSW
CH2: VFF
CH3: ILED
CH4: IL
CH1:VSW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com