Electronic Components Datasheet Search
  English  ▼

X  

LM2715 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2715
Description  TFT Panel Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2715 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM2715 Datasheet HTML 2Page - National Semiconductor (TI) LM2715 Datasheet HTML 3Page - National Semiconductor (TI) LM2715 Datasheet HTML 4Page - National Semiconductor (TI) LM2715 Datasheet HTML 5Page - National Semiconductor (TI) LM2715 Datasheet HTML 6Page - National Semiconductor (TI) LM2715 Datasheet HTML 7Page - National Semiconductor (TI) LM2715 Datasheet HTML 8Page - National Semiconductor (TI) LM2715 Datasheet HTML 9Page - National Semiconductor (TI) LM2715 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
IN
-0.3V to 12V
SW Voltage
-0.3V to 18V
FB Voltage
-0.3V to 2V
V
C Voltage
0.96V to 1.56V
SWC Voltage
-0.3V to 12V
Supply Voltage, AV
IN
-0.3V to 12V
Amplifier/Buffer Input Voltage
Rail-to-Rail
Amplifier/Buffer Output
Voltage
Rail-to-Rail
Delay
GND to 1.3V
SWI
-0.3V to 30V
SWO
-0.3V to 30V
ESD Ratings
(Note 3)
Human Body Model
2kV
Operating Conditions
Operating Temperature
−40˚C to +125˚C
Storage Temperature
−65˚C to +150˚C
Supply Voltage, V
IN
2.2V to 12V
SW Voltage
17.5V
Supply AV
IN
4V to 12V
SWI
2.2V to 30V
Electrical Characteristics — Switching Regulator
Specifications in standard type face are for T
J = 25˚C and those with boldface type apply over the full Operating Tempera-
ture Range (T
J = −40˚C to +125˚C). Unless otherwise specified VIN =2.2V, AVIN = 8V, RCOM =RGAMMA =50
Ω,C
COM =
C
GAMMA = 1nF.
Switching Regulator
Symbol
Parameter
Conditions
Min
(Note 4)
Typ
(Note 5)
Max
(Note 4)
Units
I
Q
Quiescent Current
Not Switching, FB = 2V
1.6
2.3
mA
Switching, switch open, FB =
0.1V
3.6
4.3
V
FB
Feedback Voltage
1.239
1.265
1.291
V
%V
FB/
∆V
IN
Feedback Voltage Line
Regulation
0.01
0.1
%/V
I
CL
Switch Current Limit
(Note 6)
V
IN = 2.5V, VOUT =8V
1.29
A
R
DSON
Switch R
DSON (Note 7)
V
IN = 2.5V
178
m
Ω
I
B
FB Pin Bias Current (Note 8)
60
200
nA
V
IN
Input Voltage Range
2.2
12
V
T
SS
Internal Soft Start Ramp
Time
7mS
g
m
Error Amp Transconductance
∆I = 5µA
85
110
270
µmho
A
V
Error Amp Voltage Gain
135
V/V
D
MAX
Maximum Duty Cycle
78
85
%
f
S
Switching Frequency
1.0
1.25
1.5
MHz
I
L
Switch Leakage Current
V
SW = 18V
0.1
20
µA
UVP
On Threshold
1.79
1.92
2.05
V
Off Threshold
1.69
1.82
1.95
V
Hysteresis
100
mV
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com