Electronic Components Datasheet Search
  English  ▼

X  

LM2715 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2715
Description  TFT Panel Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2715 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM2715 Datasheet HTML 3Page - National Semiconductor (TI) LM2715 Datasheet HTML 4Page - National Semiconductor (TI) LM2715 Datasheet HTML 5Page - National Semiconductor (TI) LM2715 Datasheet HTML 6Page - National Semiconductor (TI) LM2715 Datasheet HTML 7Page - National Semiconductor (TI) LM2715 Datasheet HTML 8Page - National Semiconductor (TI) LM2715 Datasheet HTML 9Page - National Semiconductor (TI) LM2715 Datasheet HTML 10Page - National Semiconductor (TI) LM2715 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Electrical Characteristics — Vcom Amplifier
Specifications in standard type face are for T
J = 25˚C and those with boldface type apply over the full Operating Tempera-
ture Range (T
J = −40˚C to +125˚C). Unless otherwise specified VIN =2.2V, AVIN = 8V, RCOM =RGAMMA =50
Ω,C
COM =
C
GAMMA = 1nF.
Vcom Amplifier
Symbol
Parameter
Conditions
Min
(Note 4)
Typ
(Note 5)
Max
(Note 4)
Units
V
OS
Input Offset Voltage (Note 9)
V
CM = 1V
3.5
10
mV
V
CM = 7.5V
3
10
I
B
Input Bias Current
V
CM = 1V
55
200
nA
V
CM = 7.5V (Note 8)
190
300
I
OS
Input Offset Current
V
CM = 1V
40
130
nA
V
CM = 7.5V
5
110
CMVR
Input Common-mode Voltage
Range
08
V
V
OUT Swing
R
L=10k, Vo min.
0.003
.02
V
R
L=10k, Vo max.
7.94
7.98
R
L=2k, Vo min.
0.003
.02
R
L=2k, Vo max.
7.9
7.95
A
VOL
Large Signal Voltage Gain
No Load, Vo = 2V to 7V
74.8
87.6
dB
R
L=10 k
Ω,Vo=2Vto7V
66.8
75.1
R
L=2 k
Ω, Vo = 2V to 7V
55.8
AV
IN
Supply Voltage
412
V
CMRR
Common Mode Rejection
Ratio
V
CM stepped from 0V to 0.9V
72
93.5
dB
V
CM stepped from 3V to 8V
80
105
V
CM stepped from 0V to 8V
57
80.7
PSRR
Power Supply Rejection
Ratio
V
CM = 0.5V, AVIN =4to12V
70
77
dB
Is+
Supply Current (Amplifier +
Buffer)
Vo=AV
IN/2, No Load
2.5
4.3
mA
I
SC
Output Short Circuit Current
Source
45
60
mA
Sink
40
50
Electrical Characteristics — Gamma Buffer
Specifications in standard type face are for T
J = 25˚C and those with boldface type apply over the full Operating Tempera-
ture Range (T
J = −40˚C to +125˚C). Unless otherwise specified VIN =2.2V, AVIN = 8V, RCOM =RGAMMA =50
Ω,C
COM =
C
GAMMA = 1nF.
Gamma Buffer
Symbol
Parameter
Conditions
Min
(Note 4)
Typ
(Note 5)
Max
(Note 4)
Units
V
OS
Input Offset Voltage (Note 9)
1
10
mV
I
B
Input Bias Current (Note 8)
170
300
nA
V
GR
Gamma Input Voltage Range
08
V
V
OUT Swing
R
L=10k, Vo min.
0.05
0.075
V
R
L=10k, Vo max.
7.9
7.94
R
L=2k, Vo min.
0.05
0.075
R
L=2k, Vo max.
7.865
7.9
A
VCL
Voltage Gain
No Load, Vo = 2V to 7V
0.995
0.999
V/V
R
L=10 k
Ω,Vo=2Vto7V
0.995
0.999
R
L=2 k
Ω,Vo=2Vto7V
0.993
0.998
PSRR
Power Supply Rejection
Ratio
AV
IN =4to12V
70
77
dB
AV
IN
Supply Voltage
412
V
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com