Electronic Components Datasheet Search
  English  ▼

X  

LM2715 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2715
Description  TFT Panel Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2715 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2715 Datasheet HTML 1Page - National Semiconductor (TI) LM2715 Datasheet HTML 2Page - National Semiconductor (TI) LM2715 Datasheet HTML 3Page - National Semiconductor (TI) LM2715 Datasheet HTML 4Page - National Semiconductor (TI) LM2715 Datasheet HTML 5Page - National Semiconductor (TI) LM2715 Datasheet HTML 6Page - National Semiconductor (TI) LM2715 Datasheet HTML 7Page - National Semiconductor (TI) LM2715 Datasheet HTML 8Page - National Semiconductor (TI) LM2715 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LM2715
TFT Panel Module
General Description
The LM2715 is a compact bias solution for TFT displays. It
has a current mode PWM step-up DC/DC converter with a
1.3A, 0.18
Ω internal switch. Capable of generating 8V at
240mA from a Lithium Ion battery, the LM2715 is ideal for
generating bias voltages for large screen LCD panels. The
LM2715 operates at a switching frequency of 1.25MHz al-
lowing for easy filtering and low noise. An external compen-
sation pin gives the user flexibility in setting frequency com-
pensation, which makes possible the use of small, low ESR
ceramic capacitors at the output. The LM2715 uses a pat-
ented internal circuitry to limit startup inrush current of the
boost switching regulator without the use of an external
softstart capacitor. The LM2715 has an internal controllable
PMOS switch used for controlling the row driver voltages.
The switch can be controlled externally with a control pin and
delay time. The LM2715 contains a Vcom amplifier and a
Gamma buffer capable of supplying 50mA source and sink.
The TSSOP-16 or LLP-24 packages ensure a low profile
overall solution.
Features
n
1.3A, 0.18
Ω, internal power switch
n
V
IN operating range: 2.2V to 12V
n
1.25MHz switching frequency step-up DC/DC converter
n
Inrush current limiting circuitry
n
Internal 7
Ω PMOS switch
n
PMOS switch control pin
n
PMOS switch delay pin
n
Vcom amplifier
n
Gamma buffer
n
16 pin TSSOP or 24 pin LLP packages
Applications
n
LCD Bias Supplies
Typical Application Circuit
20058431
April 2006
© 2006 National Semiconductor Corporation
DS200584
www.national.com


Similar Part No. - LM2715

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2715 NSC-LM2715 Datasheet
752Kb / 20P
TFT Panel Module
logo
HTC Korea TAEJIN Techno...
LM27150 HTC-LM27150 Datasheet
811Kb / 11P
1.5A Very L.D.O Voltage Regulator
LM27150R-1.5 HTC-LM27150R-1.5 Datasheet
811Kb / 11P
1.5A Very L.D.O Voltage Regulator
LM27150R-1.8 HTC-LM27150R-1.8 Datasheet
811Kb / 11P
1.5A Very L.D.O Voltage Regulator
LM27150R-12 HTC-LM27150R-12 Datasheet
811Kb / 11P
1.5A Very L.D.O Voltage Regulator
More results

Similar Description - LM2715

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2702 NSC-LM2702 Datasheet
813Kb / 21P
TFT Panel Module
LM2711 NSC-LM2711 Datasheet
846Kb / 20P
TFT Panel Module
LM2715 NSC-LM2715 Datasheet
752Kb / 20P
TFT Panel Module
logo
Sharp Corporation
LQ080V3DG01 SHARP-LQ080V3DG01 Datasheet
468Kb / 23P
TFT MODULE
logo
Analog Devices
ADP3041 AD-ADP3041 Datasheet
269Kb / 16P
TFT LCD Panel Power Module
12/03-Data Sheet changed from REV. C to REV. D.
logo
Rohm
BD8154EFV ROHM-BD8154EFV Datasheet
357Kb / 6P
Main power supply for TFT-LCD panel module
logo
Analog Devices
ADP3041 AD-ADP3041_15 Datasheet
267Kb / 16P
TFT LCD Panel Power Module
REV. D
logo
Crystalfontz America, I...
CFAF480128A0-039TC CRYSTAIFONTZ-CFAF480128A0-039TC Datasheet
1Mb / 13P
TFT DISPLAY MODULE WITH CAPACITIVE TOUCH PANEL
CFAF480128A0-039TR CRYSTAIFONTZ-CFAF480128A0-039TR Datasheet
1Mb / 13P
TFT DISPLAY MODULE WITH RESISTIVE TOUCH PANEL
CFAF800480E0-050SC CRYSTAIFONTZ-CFAF800480E0-050SC Datasheet
1Mb / 16P
5??TFT DISPLAY MODULE WITH CAPACITIVE TOUCH PANEL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com