Electronic Components Datasheet Search
  English  ▼

X  

MM5452 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # MM5452
Description  Liquid Crystal Display Drivers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM5452 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  MM5452 Datasheet HTML 1Page - National Semiconductor (TI) MM5452 Datasheet HTML 2Page - National Semiconductor (TI) MM5452 Datasheet HTML 3Page - National Semiconductor (TI) MM5452 Datasheet HTML 4Page - National Semiconductor (TI) MM5452 Datasheet HTML 5Page - National Semiconductor (TI) MM5452 Datasheet HTML 6Page - National Semiconductor (TI) MM5452 Datasheet HTML 7Page - National Semiconductor (TI) MM5452 Datasheet HTML 8Page - National Semiconductor (TI) MM5452 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Functional Description
The MM5452 is specifically designed to operate 41⁄2-digit
7-segment displays with minimal interface with the display
and the data source. Serial data transfer from the data
source to the display driver is accomplished with 2 signals,
serial data and clock. Since the MM5452 does not contain a
character generator, the formatting of the segment informa-
tion must be done prior to inputting the data to the MM5452.
Using a format of a leading “1” followed by the 32 data bits
allows data transfer without an additional load signal. The 32
data bits are latched after the 36th clock is complete, thus
providing non-multiplexed, direct drive to the display. Out-
puts change only if the serial data bits differ from the previ-
ous time.
A block diagram is shown in
Figure 1. For the MM5452 a
DATA ENABLE is used instead of the 33rd output. If the
DATA ENABLE signal is not required, the 33rd output can be
brought out. This is the MM5453 device.
Figure 5 shows the input data format. A start bit of logical “1”
precedes the 32 bits of data. At the 36th clock a LOAD signal
is generated synchronously with the high state of the clock,
which loads the 32 bits of the shift registers into the latches.
At the low state of the clock a RESET signal is generated
which clears all the shift registers for the next set of data.
The shift registers are static master-slave configuration.
There is no clear for the master portion of the first shift
register, thus allowing continuous operation.
If the clock is not continuous, there must be a complete set
of 36 clocks otherwise the shift registers will not clear.
Figure 2 shows the pin-out of the MM5452. Bit 1 is the first
bit following the start bit and it will appear on pin 18.
Figure 4 shows the timing relationships between data, clock
and DATA ENABLE.
Figure 6 shows a typical application. Note how the input data
maps to the output pins and the display. The MM5452 and
MM5453 do not have format restrictions, as all outputs are
controllable. The application assumes a specific display
pinout. Different display/driver connection patterns will, of
course, yield a different input data format.
00613704
FIGURE 4.
00613705
FIGURE 5. Input Data Format
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com