Electronic Components Datasheet Search
  English  ▼

X  

MM5452 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # MM5452
Description  Liquid Crystal Display Drivers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM5452 Datasheet(HTML) 7 Page - National Semiconductor (TI)

  MM5452 Datasheet HTML 1Page - National Semiconductor (TI) MM5452 Datasheet HTML 2Page - National Semiconductor (TI) MM5452 Datasheet HTML 3Page - National Semiconductor (TI) MM5452 Datasheet HTML 4Page - National Semiconductor (TI) MM5452 Datasheet HTML 5Page - National Semiconductor (TI) MM5452 Datasheet HTML 6Page - National Semiconductor (TI) MM5452 Datasheet HTML 7Page - National Semiconductor (TI) MM5452 Datasheet HTML 8Page - National Semiconductor (TI) MM5452 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Functional Description (Continued)
converter or resistor array. The result of this comparison is
clocked into the MM5452, MM5453. The next clock pulse
increments the staircase and clocks the new data in.
With a buffer amplifier, the same staircase waveform can be
used for many displays. The digital-to-analog converter need
not be linear; logarithmic or other non-linear functions can be
displayed by using weighted resistors or special DACs. This
system can be used for status indicators, spectrum analyz-
ers, audio level and power meters, tuning indicators, and
other applications.
00613709
FIGURE 9. Four Wire Remote Display
00613710
Data is high until staircase > input
FIGURE 10. Analog Display
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com