Electronic Components Datasheet Search
  English  ▼

X  

MM5452 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # MM5452
Description  Liquid Crystal Display Drivers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM5452 Datasheet(HTML) 6 Page - National Semiconductor (TI)

  MM5452 Datasheet HTML 1Page - National Semiconductor (TI) MM5452 Datasheet HTML 2Page - National Semiconductor (TI) MM5452 Datasheet HTML 3Page - National Semiconductor (TI) MM5452 Datasheet HTML 4Page - National Semiconductor (TI) MM5452 Datasheet HTML 5Page - National Semiconductor (TI) MM5452 Datasheet HTML 6Page - National Semiconductor (TI) MM5452 Datasheet HTML 7Page - National Semiconductor (TI) MM5452 Datasheet HTML 8Page - National Semiconductor (TI) MM5452 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Functional Description (Continued)
Figure 9 shows a four wire remote display that takes advan-
tage of the device’s serial input to move many bits of display
information on a few wires.
USING AN EXTERNAL CLOCK
The MM5452/MM5453 LCD Drivers can be used with an
externally supplied clock, provided it has a duty cycle of
50%. Deviations from a 50% duty cycle result in an offset
voltage on the LCD. In
Figure 8, a flip-flop is used to assure
a 50% duty cycle. The oscillator input is grounded to prevent
oscillation and reduce current consumptions in the chips.
The oscillator is not used.
Using an external clock allows synchronizing the display
drive with AC power, internal clocks, or DVM integration time
to reduce interference from the display.
Figure 10 is a general block diagram that shows how the
device’s serial input can be used to advantage in an analog
display. The analog voltage input is compared with a stair-
case voltage generated by a counter and a digital-to-analog
00613707
*The minimum recommended value for R for the oscillator input is 9 k
Ω. An RC time constant of approximately 4.91 x 10−4 should produce a backplane
frequency between 30 Hz and 150 Hz.
FIGURE 7. Parallel Backplane Outputs
00613708
FIGURE 8. External Backplane Clock
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com