Electronic Components Datasheet Search
  English  ▼

X  

AD820 Datasheet(PDF) 16 Page - Analog Devices

Part # AD820
Description  Single-Supply, Rail-to-Rail, Low Power FET-Input Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD820 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD820 Datasheet HTML 12Page - Analog Devices AD820 Datasheet HTML 13Page - Analog Devices AD820 Datasheet HTML 14Page - Analog Devices AD820 Datasheet HTML 15Page - Analog Devices AD820 Datasheet HTML 16Page - Analog Devices AD820 Datasheet HTML 17Page - Analog Devices AD820 Datasheet HTML 18Page - Analog Devices AD820 Datasheet HTML 19Page - Analog Devices AD820 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD820
Rev. E | Page 16 of 24
APPLICATION NOTES
INPUT CHARACTERISTICS
In the AD820, n-channel JFETs are used to provide a low offset,
low noise, high impedance input stage. Minimum input common-
mode voltage extends from 0.2 V below –VS to 1 V less than
+VS. Driving the input voltage closer to the positive rail causes a
loss of amplifier bandwidth (as can be seen by comparing the
large signal responses shown in Figure 29 and Figure 32) and
increased common-mode voltage error, as illustrated in
Figure 20.
The AD820 does not exhibit phase reversal for input voltages up
to and including +VS. Figure 38a shows the response of an
AD820 voltage follower to a 0 V to 5 V (+VS) square wave input.
The input and output are superimposed. The output polarity
tracks the input polarity up to +VS with no phase reversal. The
reduced bandwidth above a 4 V input causes the rounding of
the output wave form. For input voltages greater than +VS, a
resistor in series with the AD820’s positive input prevents phase
reversal, at the expense of greater input voltage noise. This is
illustrated in Figure 38b.
Since the input stage uses n-channel JFETs, input current during
normal operation is negative; the current flows out from the input
terminals. If the input voltage is driven more positive than +VS
− 0.4 V, the input current reverses direction as internal device
junctions become forward biased. This is illustrated in Figure 7.
A current-limiting resistor should be used in series with the
input of the AD820 if there is a possibility of the input voltage
exceeding the positive supply by more than 300 mV, or if an
input voltage is applied to the AD820 when ±VS = 0. The
amplifier will be damaged if left in that condition for more than
10 seconds. A 1 kΩ resistor allows the amplifier to withstand up
to 10 V of continuous overvoltage, and increases the input
voltage noise by a negligible amount.
Input voltages less than −VS are a completely different story.
The amplifier can safely withstand input voltages 20 V below
the negative supply voltage as long as the total voltage from the
positive supply to the input terminal is less than 36 V. In
addition, the input stage typically maintains picoamp level input
currents across that input voltage range.
The AD820 is designed for 13 nV/√Hz wideband input voltage
noise and maintains low noise performance to low frequencies
(refer to Figure 14). This noise performance, along with the
AD820’s low input current and current noise means that the
AD820 contributes negligible noise for applications with source
resistances greater than 10 kΩ and signal bandwidths greater
than 1 kHz. This is illustrated in Figure 39.
100
90
10
0%
1V
1V
1V
10µs
GND
+VS
100
90
10
0%
1V
1V
2µs
GND
AD820
5V
RP
VOUT
–
+
VIN
–
+
(b)
(a)
Figure 38. (a) Response with RP = 0 Ω; VIN from 0 V to +VS
(b) VIN = 0 V to +VS + 200 mV,
VOUT = 0 V to +VS, RP = 49.9 kΩ
100k
0.1
10k
10G
SOURCE IMPEDANCE (Ω)
10k
1k
100
10
1
100k
1M
10M
100M
1G
WHENEVER JOHNSON NOISE IS GREATER THAN
AMPLIFIER NOISE, AMPLIFIER NOISE CAN BE
CONSIDERED NEGLIGIBLE FOR APPLICATION.
RESISTOR JOHNSON
NOISE
1kHz
10Hz
AMPLIFIER-GENERATED
NOISE
Figure 39. Total Noise vs. Source Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com