Electronic Components Datasheet Search
  English  ▼

X  

AD820 Datasheet(PDF) 20 Page - Analog Devices

Part # AD820
Description  Single-Supply, Rail-to-Rail, Low Power FET-Input Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD820 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD820 Datasheet HTML 16Page - Analog Devices AD820 Datasheet HTML 17Page - Analog Devices AD820 Datasheet HTML 18Page - Analog Devices AD820 Datasheet HTML 19Page - Analog Devices AD820 Datasheet HTML 20Page - Analog Devices AD820 Datasheet HTML 21Page - Analog Devices AD820 Datasheet HTML 22Page - Analog Devices AD820 Datasheet HTML 23Page - Analog Devices AD820 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD820
Rev. E | Page 20 of 24
LOW POWER 3-POLE SALLEN KEY LOW-PASS
FILTER
The high input impedance of the AD820 makes it a good
selection for active filters. High value resistors can be used to
construct low frequency filters with capacitors much less than
1 μF. The AD820 picoamp level input currents contribute
minimal dc errors.
Figure 46 shows an example, a 10 Hz 3-pole Sallen Key filter.
The high value used for R1 minimizes interaction with signal
source resistance. Pole placement in this version of the filter
minimizes the Q associated with the 2-pole section of the filter.
This eliminates any peaking of the noise contribution of
resistors R1, R2, and R3, thus minimizing the inherent output
voltage noise of the filter.
AD820
–
+
+VS
–VS
0.01µF
0.01µF
VOUT
3
2
4
7
6
–
+
R3
243kΩ
C3
0.022µF
–
+
VIN
R2
243kΩ
R1
243kΩ
C1
0.022µF
C2
0.022µF
0
–100
0.1
1k
FREQUENCY (Hz)
110
100
–10
–20
–30
–40
–50
–60
–70
–80
–90
Figure 46. 10 Hz Sallen Key Low-Pass Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com