Electronic Components Datasheet Search
  English  ▼

X  

AD820 Datasheet(PDF) 19 Page - Analog Devices

Part # AD820
Description  Single-Supply, Rail-to-Rail, Low Power FET-Input Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD820 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD820 Datasheet HTML 15Page - Analog Devices AD820 Datasheet HTML 16Page - Analog Devices AD820 Datasheet HTML 17Page - Analog Devices AD820 Datasheet HTML 18Page - Analog Devices AD820 Datasheet HTML 19Page - Analog Devices AD820 Datasheet HTML 20Page - Analog Devices AD820 Datasheet HTML 21Page - Analog Devices AD820 Datasheet HTML 22Page - Analog Devices AD820 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AD820
Rev. E | Page 19 of 24
APPLICATIONS
SINGLE SUPPLY HALF-WAVE AND FULL-WAVE
RECTIFIERS
An AD820 configured as a unity-gain follower and operated
with a single supply can be used as a simple half-wave rectifier.
The AD820 inputs maintain picoamp level input currents even
when driven well below the negative supply. The rectifier puts
that behavior to good use, maintaining an input impedance of
over 1011 Ω for input voltages from 1 V from the positive supply
to 20 V below the negative supply.
The full- and half-wave rectifier shown in Figure 44 operates as
follows: when VIN is above ground, R1 is bootstrapped through
the unity-gain follower, A1, and the loop of amplifier A2. This
forces the inputs of A2 to be equal; thus, no current flows
through R1 or R2, and the circuit output tracks the input. When
VIN is below ground, the output of A1 is forced to ground. The
noninverting input of amplifier A2 sees the ground level output
of A1; therefore, A2 operates as a unity-gain inverter. The
output at Node C is then a full-wave rectified version of the
input. Node B is a buffered half-wave rectified version of the
input. Input voltages up to ±18 V can be rectified, depending on
the voltage supply used.
A1
–
+
+VS
0.01µF
R1
100kΩ
R2
100kΩ
AD820
FULL-WAVE
RECTIFIED OUPUT
VIN
3
A
C
2
4
7
6
A2
+VS
0.01µF
AD820
3
2
4
7
6
–
+
HALF-WAVE
RECTIFIED OUPUT
–
+ B
A
B
C
100
90
10
0%
Figure 44. Single-Supply Half- and Full-Wave Rectifier
4.5 V LOW DROPOUT, LOW POWER REFERENCE
The rail-to-rail performance of the AD820 can be used to
provide low dropout performance for low power reference
circuits powered with a single low voltage supply. Figure 45
shows a 4.5 V reference using the AD820 and the AD680, a low
power 2.5 V band gap reference. R2 and R3 set up the required
gain of 1.8 to develop the 4.5 V output. R1 and C2 form a low-
pass RC filter to reduce the noise contribution of the AD680.
R2
90kΩ
(20kΩ)
R1
100kΩ
R3
100kΩ
(25kΩ)
U2
AD820
–
+
2.5V
OUTPUT
4.5V
OUTPUT
5V
REF
COMMON
C3
10µF/25V
U1
AD680
C2
0.1µF FILM
32
4
4
7
6
2
6
3
2.5V ± 10mV
C1
0.1µF
Figure 45. Single Supply 4.5 V Low Dropout Reference
With a 1 mA load, this reference maintains the 4.5 V output
with a supply voltage down to 4.7 V. The amplitude of the
recovery transient for a 1 mA to 10 mA step change in load
current is under 20 mV, and settles out in a few microseconds.
Output voltage noise is less than 10 μV rms in a 25 kHz noise
bandwidth.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com