Electronic Components Datasheet Search
  English  ▼

X  

AD811 Datasheet(PDF) 11 Page - Analog Devices

Part # AD811
Description  High Performance Video Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD811 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD811 Datasheet HTML 7Page - Analog Devices AD811 Datasheet HTML 8Page - Analog Devices AD811 Datasheet HTML 9Page - Analog Devices AD811 Datasheet HTML 10Page - Analog Devices AD811 Datasheet HTML 11Page - Analog Devices AD811 Datasheet HTML 12Page - Analog Devices AD811 Datasheet HTML 13Page - Analog Devices AD811 Datasheet HTML 14Page - Analog Devices AD811 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD811
Rev. E | Page 11 of 20
HP8130
PULSE
GENERATOR
VIN
RG
RFB
RL
–VS
+VS
AD811
+
–
7
6
4
3
2
0.1
µF
0.1
µF
VOUT TO
TEKTRONIX
P6201 FET
PROBE
Figure 32. Inverting Amplifier Connection
10
90
100
0%
1V
1V
10ns
VIN
VOUT
Figure 33. Small Signal Pulse Response, Gain = −1
10
90
100
0%
1V
100mV
10ns
VIN
VOUT
Figure 34. Small Signal Pulse Response, Gain = −10
–12
–9
–6
–3
0
3
6
FREQUENCY (MHz)
1
10
100
VS = ±15V
RFB = 590Ω
VS = ±5V
RFB = 562Ω
G = –1
RL = 150Ω
Figure 35. Closed-Loop Gain vs. Frequency, Gain = −1
8
11
14
17
20
23
26
FREQUENCY (MHz)
1
10
100
VS = ±15V
RFB = 511Ω
VS = ±5V
RFB = 442Ω
G = –1
RL = 150Ω
Figure 36. Closed-Loop Gain vs. Frequency, Gain = −10
10
90
100
0%
10V
1V
20ns
VIN
VOUT
Figure 37. Large Signal Pulse Response, Gain = −10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com