Electronic Components Datasheet Search
  English  ▼

X  

AD811 Datasheet(PDF) 20 Page - Analog Devices

Part # AD811
Description  High Performance Video Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD811 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD811 Datasheet HTML 12Page - Analog Devices AD811 Datasheet HTML 13Page - Analog Devices AD811 Datasheet HTML 14Page - Analog Devices AD811 Datasheet HTML 15Page - Analog Devices AD811 Datasheet HTML 16Page - Analog Devices AD811 Datasheet HTML 17Page - Analog Devices AD811 Datasheet HTML 18Page - Analog Devices AD811 Datasheet HTML 19Page - Analog Devices AD811 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
AD811
Rev. E | Page 20 of 20
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD811AN
−40°C to +85°C
8-Lead Plastic Dual In-Line Package (PDIP)
N-8
AD811ANZ1
−40°C to +85°C
8-Lead Plastic Dual In-Line Package (PDIP)
N-8
AD811AR-16
−40°C to +85°C
16-LeadStandard Small Outline Package (SOIC)
R-16
AD811AR-16-REEL
−40°C to +85°C
16-LeadStandard Small Outline Package (SOIC)
R-16
AD811AR-16-REEL7
−40°C to +85°C
16-LeadStandard Small Outline Package (SOIC)
R-16
AD811AR-20
−40°C to +85°C
20-LeadStandard Small Outline Package (SOIC)
R-20
AD811AR-20-REEL
−40°C to +85°C
20-LeadStandard Small Outline Package (SOIC)
R-20
AD811JR
0°C to +70°C
8-LeadStandard Small Outline Package (SOIC)
R-8
AD811JR-REEL
0°C to +70°C
8-LeadStandard Small Outline Package (SOIC)
R-8
AD811JR-REEL7
0°C to +70°C
8-LeadStandard Small Outline Package (SOIC)
R-8
AD811JRZ1
0°C to +70°C
8-LeadStandard Small Outline Package (SOIC)
R-8
AD811SQ/883B
−55°C to +125°C
8-Lead Ceramic Dual In-Line Package (CERDIP)
Q-8
5962-9313101MPA
−55°C to +125°C
8-Lead Ceramic Dual In-Line Package (CERDIP)
Q-8
AD811SE/883B
−55°C to +125°C
20-Terminal Ceramic Leadless Chip Carrier (LCC)
E-20A
5962-9313101M2A
−55°C to +125°C
20-Terminal Ceramic Leadless Chip Carrier (LCC)
E-20A
AD811ACHIPS
−40°C to +85°C
DIE
AD811SCHIPS
−55°C to +125°C
DIE
1 Z = Pb-free part.
© 2004 Analog Devices, Inc. All rights reserved. Trademarks and regis-
tered trademarks are the property of their respective owners.
C00866–0–7/04(E)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com