Electronic Components Datasheet Search
  English  ▼

X  

AD811 Datasheet(PDF) 13 Page - Analog Devices

Part # AD811
Description  High Performance Video Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD811 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD811 Datasheet HTML 9Page - Analog Devices AD811 Datasheet HTML 10Page - Analog Devices AD811 Datasheet HTML 11Page - Analog Devices AD811 Datasheet HTML 12Page - Analog Devices AD811 Datasheet HTML 13Page - Analog Devices AD811 Datasheet HTML 14Page - Analog Devices AD811 Datasheet HTML 15Page - Analog Devices AD811 Datasheet HTML 16Page - Analog Devices AD811 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD811
Rev. E | Page 13 of 20
Driving Capacitive Loads
The feedback and gain resistor values in Table 3 result in very
flat closed-loop responses in applications where the load capaci-
tances are below 10 pF. Capacitances greater than this result in
increased peaking and overshoot, although not necessarily in a
sustained oscillation.
There are at least two very effective ways to compensate for this
effect. One way is to increase the magnitude of the feedback
resistor, which lowers the 3 dB frequency. The other method is
to include a small resistor in series with the output of the ampli-
fier to isolate it from the load capacitance. The results of these
two techniques are illustrated in Figure 39. Using a 1.5 kΩ
feedback resistor, the output ripple is less than 0.5 dB when
driving 100 pF. The main disadvantage of this method is that it
sacrifices a little bit of gain flatness for increased capacitive load
drive capability. With the second method, using a series resistor,
the loss of flatness does not occur.
AD811
+
–
7
6
4
2
3
RS (OPTIONAL)
CL
RL
VOUT
–VS
+VS
RFB
RG
RT
VIN
0.1
µF
0.1
µF
Figure 38. Recommended Connection for Driving a Large Capacitive Load
–6
–3
0
3
6
9
12
FREQUENCY (MHz)
1
10
100
VS = ±15V
CL = 100pF
RL = 10kΩ
GAIN = +2
RFB = 1.5kΩ
RS = 0
RFB = 649Ω
RS = 30Ω
Figure 39. Performance Comparison of Two Methods
for Driving a Capacitive Load
0
10
20
30
40
50
60
70
80
90
100
LOAD CAPACITANCE (pF)
10
100
1000
GAIN = +2
VS = ±15V
RS VALUE SPECIFIED
IS FOR FLATTEST
FREQUENCY RESPONSE
Figure 40. Recommended Value of Series Resistor vs.
the Amount of Capacitive Load
Figure 40 shows recommended resistor values for different load
capacitances. Refer again to Figure 39 for an example of the
results of this method. Note that it may be necessary to adjust
the gain setting resistor, RG, to correct for the attenuation which
results due to the divider formed by the series resistor, RS, and
the load resistance.
Applications that require driving a large load capacitance at a
high slew rate are often limited by the output current available
from the driving amplifier. For example, an amplifier limited to
25 mA output current cannot drive a 500 pF load at a slew rate
greater than 50 V/µs. However, because of the AD811’s 100 mA
output current, a slew rate of 200 V/µs is achievable when driv-
ing the same 500 pF capacitor, as shown in Figure 41.
10
90
100
0%
5V
2V
100ns
VIN
VOUT
Figure 41. Output Waveform of an AD811 Driving a 500 pF Load.
Gain = +2, RFB = 649 Ω, RS = 15 Ω, RS = 10 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com