Electronic Components Datasheet Search
  English  ▼

X  

AD8065 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8065
Description  High Performance, 145 MHz FastFET??Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8065 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8065 Datasheet HTML 3Page - Analog Devices AD8065 Datasheet HTML 4Page - Analog Devices AD8065 Datasheet HTML 5Page - Analog Devices AD8065 Datasheet HTML 6Page - Analog Devices AD8065 Datasheet HTML 7Page - Analog Devices AD8065 Datasheet HTML 8Page - Analog Devices AD8065 Datasheet HTML 9Page - Analog Devices AD8065 Datasheet HTML 10Page - Analog Devices AD8065 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AD8065/AD8066
Rev. G | Page 7 of 28
MAXIMUM POWER DISSIPATION
The maximum safe power dissipation in the AD8065/AD8066
packages is limited by the associated rise in junction
temperature (TJ) on the die. The plastic encapsulating the die
locally reaches the junction temperature. At approximately
150°C, which is the glass transition temperature, the plastic
changes its properties. Even temporarily exceeding this
temperature limit can change the stresses that the package
exerts on the die, permanently shifting the parametric
performance of the AD8065/AD8066. Exceeding a junction
temperature of 175°C for an extended time can result in
changes in the silicon devices, potentially causing failure.
The still air thermal properties of the package and PCB (θJA),
ambient temperature (TA), and total power dissipated in the
package (PD) determine the junction temperature of the die.
The junction temperature can be calculated by
TJ = TA + (PD × θJA)
The power dissipated in the package (PD) is the sum of the
quiescent power dissipation and the power dissipated in the
package due to the load drive for all outputs. The quiescent
power is the voltage between the supply pins (VS) times the
quiescent current (IS). Assuming the load (RL) is referenced to
midsupply, then the total drive power is VS /2 × IOUT, some
of which is dissipated in the package and some in the load
(VOUT × IOUT). The difference between the total drive power and
the load power is the drive power dissipated in the package.
(
)
Power
Load
Power
Drive
Total
Power
Quiescent
PD
−
+
=
()
L
OUT
L
OUT
S
S
S
D
R
V
R
V
V
I
V
P
2
2
−
⎟
⎠
⎞
⎜
⎝
⎛
×
+
×
=
RMS output voltages should be considered. If RL is referenced to
VS−, as in single-supply operation, then the total drive power is
VS × IOUT.
If the rms signal levels are indeterminate, then consider the
worst case, when VOUT = VS/4 for RL to midsupply.
() ()
L
S
S
S
D
R
V
I
V
P
2
4
/
+
×
=
In single-supply operation with RL referenced to VS−, worst case
is VOUT = VS/2.
0
0.5
1.0
1.5
2.0
20
0
–40
–20
–60
40
60
80
100
AMBIENT TEMPERATURE (°C)
MSOP-8
SOIC-8
SOT-23-5
Figure 3. Maximum Power Dissipation vs. Temperature for a 4-Layer Board
Airflow increases heat dissipation, effectively reducing θJA. Also,
more metal directly in contact with the package leads from
metal traces, through holes, ground, and power planes reduce
the θJA. Care must be taken to minimize parasitic capacitances
at the input leads of high speed op amps as discussed in the
Layout, Grounding, and Bypassing Considerations section.
Figure 3 shows the maximum safe power dissipation in the
package vs. the ambient temperature for the SOIC (125°C/W),
SOT-23 (180°C/W), and MSOP (150°C/W) packages on a
JEDEC standard 4-layer board. θJA values are approximations.
OUTPUT SHORT CIRCUIT
Shorting the output to ground or drawing excessive current for
the AD8065/AD8066 will likely cause catastrophic failure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com