Electronic Components Datasheet Search
  English  ▼

X  

AD8065 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8065
Description  High Performance, 145 MHz FastFET??Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8065 Datasheet(HTML) 1 Page - Analog Devices

  AD8065 Datasheet HTML 1Page - Analog Devices AD8065 Datasheet HTML 2Page - Analog Devices AD8065 Datasheet HTML 3Page - Analog Devices AD8065 Datasheet HTML 4Page - Analog Devices AD8065 Datasheet HTML 5Page - Analog Devices AD8065 Datasheet HTML 6Page - Analog Devices AD8065 Datasheet HTML 7Page - Analog Devices AD8065 Datasheet HTML 8Page - Analog Devices AD8065 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
High Performance, 145 MHz
FastFET™ Op Amps
AD8065/AD8066
Rev. G
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2006 Analog Devices, Inc. All rights reserved.
FEATURES
FET input amplifier
1 pA input bias current
Low cost
High speed: 145 MHz, −3 dB bandwidth (G = +1)
180 V/μs slew rate (G = +2)
Low noise
7 nV/√Hz (f = 10 kHz)
0.6 fA/√Hz (f = 10 kHz)
Wide supply voltage range: 5 V to 24 V
Single-supply and rail-to-rail output
Low offset voltage 1.5 mV maximum
High common-mode rejection ratio: −100 dB
Excellent distortion specifications
SFDR −88 dBc @ 1 MHz
Low power: 6.4 mA/amplifier typical supply current
No phase reversal
Small packaging: SOIC-8, SOT-23-5, and MSOP-8
APPLICATIONS
Instrumentation
Photodiode preamps
Filters
A/D drivers
Level shifting
Buffering
CONNECTION DIAGRAMS
1
2
3
5
4
1
4
3
5
27
8
6
8
7
6
5
1
2
3
4
VOUT
VOUT1
VOUT2
VOUT
–VS
–VS
–VS
+IN
+VS
+VS
+VS
–IN
–IN1
+IN1
–IN2
+IN2
NC
–IN
+IN
NC
NC
TOP VIEW
(Not to Scale)
TOP VIEW
(Not to Scale)
TOP VIEW
(Not to Scale)
AD8065
AD8066
AD8065
Figure 1.
GENERAL DESCRIPTION
The AD8065/AD80661 FastFET amplifiers are voltage feedback
amplifiers with FET inputs offering high performance and ease
of use. The AD8065 is a single amplifier, and the AD8066 is a
dual amplifier. These amplifiers are developed in the Analog
Devices, Inc. proprietary XFCB process and allow exceptionally
low noise operation (7.0 nV/√Hz and 0.6 fA/√Hz) as well as
very high input impedance.
With a wide supply voltage range from 5 V to 24 V, the ability to
operate on single supplies, and a bandwidth of 145 MHz, the
AD8065/AD8066 are designed to work in a variety of
applications. For added versatility, the amplifiers also contain
rail-to-rail outputs.
Despite the low cost, the amplifiers provide excellent overall
performance. The differential gain and phase errors of 0.02%
and 0.02°, respectively, along with 0.1 dB flatness out to 7 MHz,
make these amplifiers ideal for video applications. Additionally,
they offer a high slew rate of 180 V/μs, excellent distortion
(SFDR of −88 dBc @ 1 MHz), extremely high common-mode
rejection of −100 dB, and a low input offset voltage of 1.5 mV
maximum under warmed up conditions. The AD8065/ AD8066
operate using only a 6.4 mA/amplifier typical supply current
and are capable of delivering up to 30 mA of load current.
The AD8065/AD8066 are high performance, high speed, FET
input amplifiers available in small packages: SOIC-8, MSOP-8,
and SOT-23-5. They are rated to work over the industrial
temperature range of −40°C to +85°C.
–6
–3
0
3
6
9
12
15
18
21
24
FREQUENCY (MHz)
1
0.1
10
100
1000
G = +10
VO = 200mV p-p
G = +5
G = +2
G = +1
Figure 2. Small Signal Frequency Response
1 Protected by U. S. Patent No. 6,262,633.


Similar Part No. - AD8065

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8065 AD-AD8065 Datasheet
364Kb / 28P
High Performance, 145 MHz FastFET??Op Amps
2/04-Data Sheet Changed from Rev. D to Rev. E.
AD8065 AD-AD8065 Datasheet
860Kb / 32P
Dual 8-,10-,12-Bit High Bandwidth Multiplying DACs with Serial Interface
7/04-Revision 0
AD8065 AD-AD8065 Datasheet
924Kb / 24P
Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
Rev. G
AD8065 AD-AD8065 Datasheet
726Kb / 28P
12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. E
AD8065 AD-AD8065 Datasheet
405Kb / 20P
Dual-Current Output, Parallel Input, 16 /14-Bit Multiplying DACs with 4-Quadrant Resistors
Rev. D
More results

Similar Description - AD8065

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8033 AD-AD8033 Datasheet
374Kb / 20P
Low Cost, 80 MHz FastFET ??Op Amps
9/08-Rev. C to Rev. D
AD8065 AD-AD8065 Datasheet
364Kb / 28P
High Performance, 145 MHz FastFET??Op Amps
2/04-Data Sheet Changed from Rev. D to Rev. E.
AD8034ARZ AD-AD8034ARZ Datasheet
494Kb / 24P
Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8034ARTZ-REEL7 AD-AD8034ARTZ-REEL7 Datasheet
620Kb / 25P
Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8065WARTZ-R7 AD-AD8065WARTZ-R7 Datasheet
617Kb / 29P
High Performance, 145 MHz FastFET Op Amps
Rev. J
AD8033AKSZ AD-AD8033AKSZ Datasheet
620Kb / 25P
Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8033 AD-AD8033_15 Datasheet
620Kb / 25P
Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8034 AD-AD8034_15 Datasheet
620Kb / 25P
Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8065 AD-AD8065_15 Datasheet
617Kb / 29P
High Performance, 145 MHz FastFET Op Amps
Rev. J
AD8066 AD-AD8066_15 Datasheet
617Kb / 29P
High Performance, 145 MHz FastFET Op Amps
Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com