Electronic Components Datasheet Search
  English  ▼

X  

AD8065 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8065
Description  High Performance, 145 MHz FastFET??Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8065 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8065 Datasheet HTML 14Page - Analog Devices AD8065 Datasheet HTML 15Page - Analog Devices AD8065 Datasheet HTML 16Page - Analog Devices AD8065 Datasheet HTML 17Page - Analog Devices AD8065 Datasheet HTML 18Page - Analog Devices AD8065 Datasheet HTML 19Page - Analog Devices AD8065 Datasheet HTML 20Page - Analog Devices AD8065 Datasheet HTML 21Page - Analog Devices AD8065 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
AD8065/AD8066
Rev. G | Page 18 of 28
THEORY OF OPERATION
The AD8065/AD8066 are voltage feedback operational
amplifiers that combine a laser-trimmed JFET input stage with
the Analog Devices eXtra Fast Complementary Bipolar (XFCB)
process, resulting in an outstanding combination of precision
and speed. The supply voltage range is from 5 V to 24 V. The
amplifiers feature a patented rail-to-rail output stage capable of
driving within 0.5 V of either power supply while sourcing or
sinking up to 30 mA. Also featured is a single-supply input stage
that handles common-mode signals from below the negative
supply to within 3 V of the positive rail. Operation beyond the
JFET input range is possible because of an auxiliary bipolar input
stage that functions with input voltages up to the positive supply.
The amplifiers operate as if they have a rail-to-rail input and
exhibit no phase reversal behavior for common-mode voltages
within the power supply.
With voltage noise of 7 nV/√Hz and −88 dBc distortion for
1 MHz, 2 V p-p signals, the AD8065/AD8066 are a great choice
for high resolution data acquisition systems. Their low noise,
sub-pA input current, precision offset, and high speed make
them superb preamps for fast photodiode applications. The
speed and output drive capability of the AD8065/AD8066 also
make them useful in video applications.
CLOSED-LOOP FREQUENCY RESPONSE
The AD8065/AD8066 are classic voltage feedback amplifiers
with an open-loop frequency response that can be approx-
imated as the integrator response shown in Figure 53. Basic
closed-loop frequency response for inverting and noninverting
configurations can be derived from the schematics shown.
NONINVERTING CLOSED-LOOP FREQUENCY
RESPONSE
Solving for the transfer function
(
)
()
G
crossover
G
F
F
G
crossover
I
O
R
f
s
R
R
R
R
f
V
V
×
×
π
+
+
+
×
π
=
2
2
where fcrossover is the frequency where the amplifier’s open-loop
gain equals 0 db
At dc
G
G
F
I
O
R
R
R
V
V
+
=
Closed-loop −3 dB frequency
G
F
G
crossover
3dB
R
R
R
f
f
+
×
=
−
INVERTING CLOSED-LOOP FREQUENCY
RESPONSE
()
G
crossover
G
F
F
crossover
I
O
R
f
R
R
s
R
f
V
V
×
×
π
+
+
×
×
π
−
=
2
2
At dc
G
F
I
O
R
R
V
V
−
=
Closed-loop −3 dB frequency
G
F
G
crossover
dB
R
R
R
f
f
+
×
=
−3
RF
A
VO
RG
VI
VE
FREQUENCY (MHz)
80
60
0.01
100
0.1
10
1
40
20
0
fcrossover = 65MHz
A = (2
π× f
crossover)/s
RF
VE
A
VO
RG
VI
Figure 53. Open-Loop Gain vs. Frequency and Basic Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com