Electronic Components Datasheet Search
  English  ▼

X  

AD8052ARZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD8052ARZ
Description  Low Cost, High Speed, Rail-to-Rail Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8052ARZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8052ARZ Datasheet HTML 2Page - Analog Devices AD8052ARZ Datasheet HTML 3Page - Analog Devices AD8052ARZ Datasheet HTML 4Page - Analog Devices AD8052ARZ Datasheet HTML 5Page - Analog Devices AD8052ARZ Datasheet HTML 6Page - Analog Devices AD8052ARZ Datasheet HTML 7Page - Analog Devices AD8052ARZ Datasheet HTML 8Page - Analog Devices AD8052ARZ Datasheet HTML 9Page - Analog Devices AD8052ARZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD8051/AD8052/AD8054
Rev. H | Page 6 of 24
AD8051A/AD8052A
AD8054A
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL = 10 kΩ to 1.5 V
0.01 to
2.99
0.025 to
2.98
V
RL = 2 kΩ to 1.5 V
0.0.75 to
2.9
0.02 to
2.98
0.1 to
2.9
0.35 to
2.965
V
RL = 150 Ω to 1.5 V
0.2 to
2.75
0.125 to
2.875
0.35 to
2.55
0.15 to
2.75
V
Output Current
VOUT = 0.5 V to 2.5 V
45
25
mA
TMIN − TMAX
45
25
mA
Short-Circuit Current
Sourcing
60
30
mA
Sinking
90
50
mA
Capacitive Load Drive
G = +1 (AD8051/AD8052)
45
pF
G = +2 (AD8054)
35
pF
POWER SUPPLY
Operating Range
3
12
3
12
V
Quiescent Current/Amplifier
4.2
4.8
2.625
3.125
mA
Power Supply Rejection Ratio
ΔVS = 0.5 V
68
80
68
80
dB
OPERATING TEMPERATURE RANGE
RJ-5
−40
+85
°C
RM-8, R-8, RU-14, R-14
−40
+125
−40
+125
°C
1 Refer to Figure 19.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com