Electronic Components Datasheet Search
  English  ▼

X  

AD8052ARZ Datasheet(PDF) 17 Page - Analog Devices

Part # AD8052ARZ
Description  Low Cost, High Speed, Rail-to-Rail Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8052ARZ Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8052ARZ Datasheet HTML 13Page - Analog Devices AD8052ARZ Datasheet HTML 14Page - Analog Devices AD8052ARZ Datasheet HTML 15Page - Analog Devices AD8052ARZ Datasheet HTML 16Page - Analog Devices AD8052ARZ Datasheet HTML 17Page - Analog Devices AD8052ARZ Datasheet HTML 18Page - Analog Devices AD8052ARZ Datasheet HTML 19Page - Analog Devices AD8052ARZ Datasheet HTML 20Page - Analog Devices AD8052ARZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
AD8051/AD8052/AD8054
Rev. H | Page 17 of 24
APPLICATION INFORMATION
OVERDRIVE RECOVERY
Overdrive of an amplifier occurs when the output and/or input
range is exceeded. The amplifier must recover from this over-
drive condition. As shown in Figure 41, the AD8051/AD8052/
AD8054 recover within 60 ns from negative overdrive and
within 45 ns from positive overdrive.
VS = ±5V
G = +5
RF = 2kΩ
RL = 2kΩ
V/DIV AS SHOWN
100ns
INPUT 1V/DIV
OUTPUT 2V/DIV
Figure 41. Overdrive Recovery
DRIVING CAPACITIVE LOADS
Consider the AD8051/AD8052 in a closed-loop gain of +1 with
+VS = 5 V and a load of 2 kΩ in parallel with 50 pF. Figure 42
and Figure 43 show their frequency and time domain responses,
respectively, to a small-signal excitation. The capacitive load
drive of the AD8051/AD8052/AD8054 can be increased by
adding a low value resistor in series with the load. Figure 44
and Figure 45 show the effect of a series resistor on the capaci-
tive drive for varying voltage gains. As the closed-loop gain is
increased, the larger phase margin allows for larger capacitive
loads with less peaking. Adding a series resistor with lower
closed-loop gains accomplishes the same effect. For large
capacitive loads, the frequency response of the amplifier is
dominated by the roll-off of the series resistor and the load
capacitance.
FREQUENCY (MHz)
8
6
4
2
0
–2
–4
–6
–8
–10
–12
0.1
500
100
110
VS = 5V
G = +1
RL = 2kΩ
CL = 50pF
VOUT = 200mV p-p
Figure 42. AD8051/AD8052 Closed-Loop Frequency Response; CL = 50 pF
2.60
2.55
2.50
2.45
2.40
VS = 5V
G = +1
RL = 2kΩ
CL = 50pF
50mV
100ns
Figure 43. AD8051/AD8052 200 mV Step Response; CL = 50 pF
10000
1000
1
100
10
ACL (V/V)
VS = 5V
≤ 30%
OVERSHOOT
RS = 3Ω
RS = 0Ω
123
4
5
6
VOUT
CL
RS
RF
RG
50Ω
VIN
100mV
STEP
Figure 44. AD8051/AD8052 Capacitive Load Drive vs. Closed-Loop Gain
1000
100
10
ACL (V/V)
123
4
5
6
VOUT
CL
RS
RF
RG
50Ω
VIN
100mV
STEP
VS = 5V
≤ 30%
OVERSHOOT
RS = 0Ω
RS = 10Ω
Figure 45. AD8054 Capacitive Load Drive vs. Closed-Loop Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com