Electronic Components Datasheet Search
  English  ▼

X  

AD8052ARZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD8052ARZ
Description  Low Cost, High Speed, Rail-to-Rail Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8052ARZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8052ARZ Datasheet HTML 6Page - Analog Devices AD8052ARZ Datasheet HTML 7Page - Analog Devices AD8052ARZ Datasheet HTML 8Page - Analog Devices AD8052ARZ Datasheet HTML 9Page - Analog Devices AD8052ARZ Datasheet HTML 10Page - Analog Devices AD8052ARZ Datasheet HTML 11Page - Analog Devices AD8052ARZ Datasheet HTML 12Page - Analog Devices AD8052ARZ Datasheet HTML 13Page - Analog Devices AD8052ARZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD8051/AD8052/AD8054
Rev. H | Page 10 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (MHz)
3
2
–7
–1
–4
–5
–6
1
0
–3
–2
500
0.1
1
10
100
G = +10
RF = 2kΩ
G = +2
RF = 2kΩ
G = +5
RF = 2kΩ
G = +1
RF = 0
VS = 5V
GAIN AS SHOWN
RF AS SHOWN
RL = 2kΩ
VOUT = 0.2V p-p
Figure 7. AD8051/AD8052 Normalized Gain vs. Frequency; VS = 5 V
FREQUENCY (MHz)
3
2
–7
100
–1
–4
–5
–6
1
0
–3
–2
VS = +3V
VS = +5V
VS = ±5V
VS AS SHOWN
G= +1
RL =2kΩ
VOUT =0.2V p-p
0.1
1
10
500
Figure 8. AD8051/AD8052 Gain vs. Frequency vs. Supply
FREQUENCY (MHz)
3
2
–7
0.1
500
100
–1
–4
–5
–6
1
0
–3
–2
–40°C
+25°C
+85°C
110
VS = 5V
G= +1
RL =2kΩ
VOUT =0.2V p-p
TEMPERATURE AS SHOWN
Figure 9. AD8051/AD8052 Gain vs. Frequency vs. Temperature
1M
FREQUENCY (Hz)
3
0
–3
–6
–7
100k
–5
–4
–2
–1
5
4
2
1
500M
10M
100M
G = +1
RF = 0
G = +2
RF = 2kΩ
G = +10
RF = 2kΩ
G = +5
RF = 2kΩ
VS = 5V
GAIN AS SHOWN
RF AS SHOWN
RL = 5kΩ
VOUT = 0.2V p-p
Figure 10. AD8054 Normalized Gain vs. Frequency; VS = 5 V
+3V
+5V
±5V
+3V
+5V
6
2
–3
100k
5
4
3
1
0
–1
–2
–4
FREQUENCY (Hz)
500M
G= +1
RL =2kΩ
CL = 5pF
VOUT =0.2V p-p
±5V
1M
10M
100M
Figure 11. AD8054 Gain vs. Frequency vs. Supply
4
0
–4
3
2
1
–1
–2
–3
–5
100
FREQUENCY (MHz)
–40°C
+25°C
+85°C
500
10
1
VS = 5V
RL = 2kΩ TO 2.5V
CL = 5pF
G = +1
VOUT = 0.2V p-p
Figure 12. AD8054 Gain vs. Frequency vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com