Electronic Components Datasheet Search
  English  ▼

X  

M61 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # M61
Description  3/8" Square Single-Turn Cermet Trimmer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M61 Datasheet(HTML) 4 Page - Vishay Siliconix

  M61 Datasheet HTML 1Page - Vishay Siliconix M61 Datasheet HTML 2Page - Vishay Siliconix M61 Datasheet HTML 3Page - Vishay Siliconix M61 Datasheet HTML 4Page - Vishay Siliconix M61 Datasheet HTML 5Page - Vishay Siliconix M61 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
M61
www.vishay.com
Vishay Sfernice
Revision: 17-Oct-2025
4
Document Number: 51108
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Nothing stated herein shall be construed as a guarantee of quality or durability
ELECTRICAL SPECIFICATIONS
Resistive element
Cermet
Electrical travel
280° nom.
Resistance range
10
Ω to 2 MΩ
(see “Standard Resistance Element Data” table)
Standard series
1 - 2 - 5
Tolerance standard
± 10 %
Circuit diagram
Power rating
Linear
0.5 W at +70 °C
0 W at +125 °C
Temperature coefficient
± 100 ppm/°C
Limiting element voltage
300 Vmax.
Voltage divider adjustability
Rheostat adjustability
± 0.05 %
± 0.15 %
Contact resistance variation
2 % or 3
Ω max. (whichever is greater)
End resistance (typical)
2
Ω max.
Dielectric strength
900 VAC
Insulation resistance
1000 M
Ω min. at 500 VDC
MECHANICAL SPECIFICATIONS
Mechanical travel
310 mon.
Operating torque (max. Ncm)
3.5
Unit weight (typical)
0.85 g
Wiper (actual travel)
Positioned at approximately 50 %
Terminals
Pure Sn (code e3)
ENVIRONMENTAL SPECIFICATIONS
Temperature range
-55 °C to +125 °C
PERFORMANCES
TESTS
CONDITIONS
TYPICAL VALUES AND DRIFTS
Load life
1000 h at rated power,
ambient temperature +85 °C
Total resistance shift = ± 3 %
Contact resistance variation = 3
Ω or ± 3 %
whichever is greater
Humidity
MIL-STD-202 method 103
96 hours
Total resistance shift = ± 2 %
Insulation resistance = 10 M
Ω
Rotational cycling
200 cycles
Total resistance shift = ± 4 %
Contact resistance variation = 3
Ω or ± 3 %
whichever is greater
Shock
100 g
Total resistance shift = ± 1 %
Voltage resistance shift = ± 1 %
Vibration
30 g
Total resistance shift = ± 1 %
Voltage resistance shift = ± 1 %
a
c
b
CW
(2)
(3)
(1)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com