Electronic Components Datasheet Search
  English  ▼

X  

M61 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # M61
Description  3/8" Square Single-Turn Cermet Trimmer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M61 Datasheet(HTML) 3 Page - Vishay Siliconix

  M61 Datasheet HTML 1Page - Vishay Siliconix M61 Datasheet HTML 2Page - Vishay Siliconix M61 Datasheet HTML 3Page - Vishay Siliconix M61 Datasheet HTML 4Page - Vishay Siliconix M61 Datasheet HTML 5Page - Vishay Siliconix M61 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
M61
www.vishay.com
Vishay Sfernice
Revision: 17-Oct-2025
3
Document Number: 51108
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Knob option not recommended for side load applications
SIDE ADJUST: STYLE H, S, W
COMMON DIMENSIONS
M61H
M61S
M61W
LONG SHAFT OPTION: T614
TOP AND SIDE ADJUST: STYLE H, X, P
M61H.......T614, M61X.......T614
M61P.......T614
KNOB OPTION (1): T607
TOP ADJUST: STYLE F, P, X
DIMENSIONS in millimeters (± 0.5 mm)
9.53
(0.375)
5.64
(0.222)
5.97 ± 0.89
(0.235 ± 0.035)
0.38
(0.015)
Adj. slot
0.76
(0.030)
0.76
(0.030)
3.15
(0.124)
wide
x
x
deep
long
min.
9.53
(0.375)
0.51 ± 0.05
(0.020 ± 0.002)
dia. pins
1.40 ± 0.25
(0.055 ± 0.010)
1
2
2.54
(0.100)
2.54
(0.100)
2.54
(0.100)
3
2.44
(0.096)
3
2
3.81
(0.150)
3.81
(0.150)
1
2.44
(0.096)
3
2
2.54
(0.100)
2.54
(0.100)
1
31
2
1.40
(0.055)
2.54
(0.100)
3.56
(0.140)
2.54
(0.100)
2.54
(0.100)
7.87
(0.310)
Adj. slot
0.81
(0.032)
2.54
(0.100)
3.56
(0.140)
wide
x
x
deep
long
3.56
(0.140)
7.87
(0.310)
4.78
(0.188)
1
3
2
2.54
(0.100)
2.54
(0.100)
2.54
(0.100)
5.59
(0.220)
4.83
(0.190)
10.41 ± 0.51
(0.410 ± 0.020)
6.60
(0.260)
8.38
(0.330)
Adj. slot
5.59
(0.220)
1.02
(0.040)
1.40
(0.055)
wide
x
x
deep
long



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com