Electronic Components Datasheet Search
  English  ▼

X  

M61 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # M61
Description  3/8" Square Single-Turn Cermet Trimmer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M61 Datasheet(HTML) 1 Page - Vishay Siliconix

  M61 Datasheet HTML 1Page - Vishay Siliconix M61 Datasheet HTML 2Page - Vishay Siliconix M61 Datasheet HTML 3Page - Vishay Siliconix M61 Datasheet HTML 4Page - Vishay Siliconix M61 Datasheet HTML 5Page - Vishay Siliconix M61 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
M61
www.vishay.com
Vishay Sfernice
Revision: 17-Oct-2025
1
Document Number: 51108
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
3/8" Square Single-Turn Cermet Trimmer
LINKS TO ADDITIONAL RESOURCES
FEATURES
• Wide ohmic range (10
Ω to 2 MΩ)
• Top and side adjust styles
• Easy to set with knob option (finger adjust)
• Available with extended shaft
• Available with cross-slot rotor
• Construction: sealed
• Industrial grade
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
The M61 trimming potentiometer is available in several pin configurations for top or side adjustment and with a choice of knob
styles for finger setting.
333
DDD3 D
3D Models
DIMENSIONS in millimeters (± 0.5 mm)
TOP ADJUST: STYLE F, G, K, P, R, U, V, Y
COMMON DIMENSIONS
M61F
M61G
M61K
M61P
M61R
M61U
9.53
(0.375)
9.53
(0.375)
4.83
(0.190)
5.97 ± 0.89
(0.235 ± 0.035)
0.51 ± 0.05
(0.020 ± 0.002)
5.64
(0.222)
0.38
(0.015)
min.
5.08
(0.200)
2.34 ± 0.38
(0.092 ± 0.015)
31
2
2.54
(0.100)
2.54
(0.100)
3.56 ± 0.25
(0.140 ± 0.010)
10.16
(0.40)
2.54
(0.100)
2.54
(0.100)
1
3
2
3.05 ± 0.38
(0.120 ± 0.015)
90° ± 3°
2.54 ± 0.25
(0.100 ± 0.010)
2
31
2 plcs.
4.78 ± 0.38
(0.188 ± 0.015)
1
3
2
2.54
(0.100)
2.54
(0.100)
2.54
(0.100)
1.22 ± 0.25
(0.048 ± 0.010)
2
31
3.81
(0.150)
3.81
(0.150)
2.54
(0.100)
2.54
(0.100)
4.78 ± 0.38
(0.188 ± 0.015)
32 1


Similar Part No. - M61

ManufacturerPart #DatasheetDescription
logo
Brady Worldwide, Inc.
M61-R10010 BRADY-M61-R10010 Datasheet
101Kb / 1P
HandiMark® Material to BMP®61 and BradyPrinter M611 Material Cross-Reference
M61-R10010-BL BRADY-M61-R10010-BL Datasheet
101Kb / 1P
HandiMark® Material to BMP®61 and BradyPrinter M611 Material Cross-Reference
M61-R10010-GN BRADY-M61-R10010-GN Datasheet
101Kb / 1P
HandiMark® Material to BMP®61 and BradyPrinter M611 Material Cross-Reference
M61-R10010-MA BRADY-M61-R10010-MA Datasheet
101Kb / 1P
HandiMark® Material to BMP®61 and BradyPrinter M611 Material Cross-Reference
M61-R10010-RD BRADY-M61-R10010-RD Datasheet
101Kb / 1P
HandiMark® Material to BMP®61 and BradyPrinter M611 Material Cross-Reference
More results

Similar Description - M61

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T93 VISHAY-T93_13 Datasheet
90Kb / 5P
3/8 Square Multi-Turn Cermet Trimmer
24-Aug-10
T93XA202KT20 VISHAY-T93XA202KT20 Datasheet
96Kb / 5P
3/8" Square Multi-Turn Cermet Trimmer
05-Aug-13
T93YA202KT20 VISHAY-T93YA202KT20 Datasheet
96Kb / 5P
3/8 Square Multi-Turn Cermet Trimmer
05-Aug-13
T93XB503KT20 VISHAY-T93XB503KT20 Datasheet
116Kb / 6P
3/8 Square Multi-Turn Cermet Trimmer
05-Aug-13
T93YB202KT20 VISHAY-T93YB202KT20 Datasheet
96Kb / 5P
3/8 Square Multi-Turn Cermet Trimmer
05-Aug-13
T93YA102KT20 VISHAY-T93YA102KT20 Datasheet
96Kb / 5P
3/8 Square Multi-Turn Cermet Trimmer
05-Aug-13
T93 VISHAY-T93_17 Datasheet
110Kb / 5P
3/8" Square Multi-Turn Cermet Trimmer
26-Jan-18
T93 VISHAY-T93_V01 Datasheet
90Kb / 5P
3/8" Square Multi-Turn Cermet Trimmer
26-Jan-18
M63P201KB40T607 VISHAY-M63P201KB40T607 Datasheet
88Kb / 3P
3/8 Square (10 mm) Single-Turn Cermet Trimmer
26-Jan-18
M64P224KB40 VISHAY-M64P224KB40 Datasheet
105Kb / 5P
3/8 Square (10 mm) Multi-Turn Cermet Trimmer
26-Jan-18
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com