Electronic Components Datasheet Search
  English  ▼

X  

ADMV8809 Datasheet(PDF) 32 Page - Analog Devices

Part # ADMV8809
Description  0.5GHz to 9GHz, Digitally Tunable, High-Pass Filters and Low-Pass Filters
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8809 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADMV8809 Datasheet HTML 28Page - Analog Devices ADMV8809 Datasheet HTML 29Page - Analog Devices ADMV8809 Datasheet HTML 30Page - Analog Devices ADMV8809 Datasheet HTML 31Page - Analog Devices ADMV8809 Datasheet HTML 32Page - Analog Devices ADMV8809 Datasheet HTML 33Page - Analog Devices ADMV8809 Datasheet HTML 34Page - Analog Devices ADMV8809 Datasheet HTML 35Page - Analog Devices ADMV8809 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 55 page
background image
Data Sheet
ADMV8809
REGISTER DETAILS
analog.com
Rev. A | 32 of 55
Table 8. Bit Descriptions for ADI_SPI_CONFIG_B (Continued)
Bits
Bit Name
Description
Reset
Access
5
CONTROLLER_TARGET_RB
Controller Target Readback.
0x0
R/W
[4:1]
RESERVED
Reserved.
0x0
R
0
CONTROLLER_TARGET_TRANSFER
Controller Target Transfer.
0x0
R/W
Address: 0x03, Reset: 0x01, Name: CHIPTYPE
Figure 68.
Table 9. Bit Descriptions for CHIPTYPE
Bits
Bit Name
Description
Reset
Access
[7:0]
CHIPTYPE
Chip Type, Read Only.
0x1
R
Address: 0x04, Reset: 0x34, Name: PRODUCT_ID_L
Figure 69.
Table 10. Bit Descriptions for PRODUCT_ID_L
Bits
Bit Name
Description
Reset
Access
[7:0]
PRODUCT_ID_L
Product_ID_L, Lower 8 Bits.
0x34
R
Address: 0x05, Reset: 0x00, Name: PRODUCT_ID_H
Figure 70.
Table 11. Bit Descriptions for PRODUCT_ID_H
Bits
Bit Name
Description
Reset
Access
[7:0]
PRODUCT_ID_H
Product_ID_H, Higher 8 Bits.
0x0
R
Address: 0x0A, Reset: 0x00, Name: SCRATCH_PAD
Figure 71.
Table 12. Bit Descriptions for SCRATCH_PAD
Bits
Bit Name
Description
Reset
Access
[7:0]
SCRATCH_PAD
Scratch pad for read/write testing.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com