Electronic Components Datasheet Search
  English  ▼

X  

ADMV8809 Datasheet(PDF) 2 Page - Analog Devices

Part # ADMV8809
Description  0.5GHz to 9GHz, Digitally Tunable, High-Pass Filters and Low-Pass Filters
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8809 Datasheet(HTML) 2 Page - Analog Devices

  ADMV8809 Datasheet HTML 1Page - Analog Devices ADMV8809 Datasheet HTML 2Page - Analog Devices ADMV8809 Datasheet HTML 3Page - Analog Devices ADMV8809 Datasheet HTML 4Page - Analog Devices ADMV8809 Datasheet HTML 5Page - Analog Devices ADMV8809 Datasheet HTML 6Page - Analog Devices ADMV8809 Datasheet HTML 7Page - Analog Devices ADMV8809 Datasheet HTML 8Page - Analog Devices ADMV8809 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 55 page
background image
Data Sheet
ADMV8809
TABLE OF CONTENTS
analog.com
Rev. A | 2 of 55
Features................................................................ 1
Applications........................................................... 1
General Description...............................................1
Functional Block Diagram......................................1
Specifications........................................................ 3
Timing Specifications......................................... 6
Absolute Maximum Ratings...................................7
Electrostatic Discharge (ESD) Ratings...............7
ESD Caution.......................................................7
Pin Configuration and Function Descriptions........ 8
Typical Performance Characteristics..................... 9
Band-Pass Configuration, Filter Band 1............. 9
Band-Pass Configuration, Filter Band 2........... 12
Band-Pass Configuration, Filter Band 3........... 15
Band-Pass Configuration, Filter Band 4........... 18
Bypass Configuration Data ..............................21
Theory of Operation.............................................22
SPI Configuration............................................. 22
Chip Address....................................................22
RF Connections................................................22
Mode Selection.................................................22
SPI Write Mode................................................ 22
LUT Control Mode............................................ 22
Switch Set........................................................ 23
Filter Settings................................................... 23
Readback Registers.........................................23
Frequency Terminology.................................... 23
Chip Reset........................................................23
Applications Information...................................... 24
Printed Circuit Board (PCB) Design
Guidelines...................................................... 24
Flow Chart........................................................... 25
Register Summary ..............................................26
Register Details................................................... 31
Outline Dimensions............................................. 55
Ordering Guide.................................................55
REVISION HISTORY
12/2025—Rev. 0 to Rev. A
Changes to Figure 1........................................................................................................................................ 1
Changes to Amplitude Switching Time Parameter, Amplitude Settling Time Parameter, Phase Setting
Time Parameter, Table 1................................................................................................................................3
Changes to Figure 3 and Table 5.....................................................................................................................8
10/2025—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com