Electronic Components Datasheet Search
  English  ▼

X  

ADMV8809 Datasheet(PDF) 52 Page - Analog Devices

Part # ADMV8809
Description  0.5GHz to 9GHz, Digitally Tunable, High-Pass Filters and Low-Pass Filters
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8809 Datasheet(HTML) 52 Page - Analog Devices

Back Button ADMV8809 Datasheet HTML 47Page - Analog Devices ADMV8809 Datasheet HTML 48Page - Analog Devices ADMV8809 Datasheet HTML 49Page - Analog Devices ADMV8809 Datasheet HTML 50Page - Analog Devices ADMV8809 Datasheet HTML 51Page - Analog Devices ADMV8809 Datasheet HTML 52Page - Analog Devices ADMV8809 Datasheet HTML 53Page - Analog Devices ADMV8809 Datasheet HTML 54Page - Analog Devices ADMV8809 Datasheet HTML 55Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 52 / 55 page
background image
Data Sheet
ADMV8809
REGISTER DETAILS
analog.com
Rev. A | 52 of 55
Table 87. Bit Descriptions for LUTA_28_FILTER
Bits
Bit Name
Description
Reset
Access
[7:6]
LUTA_28_FILTER_POINTER
LUTA_28_Filter Pointer.
0x0
R/W
[5:3]
LUTA_28_HPF
LUTA_28_HPF State.
0x0
R/W
[2:0]
LUTA_28_LPF
LUTA_28_LPF State.
0x0
R/W
Address: 0x5A, Reset: 0x00, Name: LUTA_29_SW
Figure 147.
Table 88. Bit Descriptions for LUTA_29_SW
Bits
Bit Name
Description
Reset
Access
[7:3]
RESERVED
Reserved.
0x0
R
[2:0]
LUTA_29_SW_SELECT
LUTA_29_Switch Select.
0x0
R/W
Address: 0x5B, Reset: 0x00, Name: LUTA_29_FILTER
Figure 148.
Table 89. Bit Descriptions for LUTA_29_FILTER
Bits
Bit Name
Description
Reset
Access
[7:6]
LUTA_29_FILTER_POINTER
LUTA_29_Filter Pointer.
0x0
R/W
[5:3]
LUTA_29_HPF
LUTA_29_HPF State.
0x0
R/W
[2:0]
LUTA_29_LPF
LUTA_29_LPF State.
0x0
R/W
Address: 0x5C, Reset: 0x00, Name: LUTA_30_SW
Figure 149.
Table 90. Bit Descriptions for LUTA_30_SW
Bits
Bit Name
Description
Reset
Access
[7:3]
RESERVED
Reserved.
0x0
R
[2:0]
LUTA_30_SW_SELECT
LUTA_30_Switch Select.
0x0
R/W
Address: 0x5D, Reset: 0x00, Name: LUTA_30_FILTER
Figure 150.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com