Electronic Components Datasheet Search
  English  ▼

X  

STM32F301C8 Datasheet(PDF) 62 Page - STMicroelectronics

Part # STM32F301C8
Description  Arm® Cortex®-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 – 3.6 V
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F301C8 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button STM32F301C8 Datasheet HTML 58Page - STMicroelectronics STM32F301C8 Datasheet HTML 59Page - STMicroelectronics STM32F301C8 Datasheet HTML 60Page - STMicroelectronics STM32F301C8 Datasheet HTML 61Page - STMicroelectronics STM32F301C8 Datasheet HTML 62Page - STMicroelectronics STM32F301C8 Datasheet HTML 63Page - STMicroelectronics STM32F301C8 Datasheet HTML 64Page - STMicroelectronics STM32F301C8 Datasheet HTML 65Page - STMicroelectronics STM32F301C8 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 141 page
background image
Electrical characteristics
STM32F301x6 STM32F301x8
62/141
DS9895 Rev 8
Typical and maximum current consumption
The MCU is placed under the following conditions:
•
All I/O pins are in input mode with a static value at VDD or VSS (no load)
•
All peripherals are disabled except when explicitly mentioned
•
The Flash memory access time is adjusted to the fHCLK frequency (0 wait state from 0
to 24 MHz,1 wait state from 24 to 48 MHz and 2 wait states from 48 to 72 MHz)
•
Prefetch in ON (reminder: this bit must be set before clock setting and bus prescaling)
•
When the peripherals are enabled fPCLK2 = fHCLK and fPCLK1 = fHCLK/2
•
When fHCLK > 8 MHz, the PLL is ON and the PLL input is equal to HSI/2 (4 MHz) or
HSE (8 MHz) in bypass mode.
The parameters given in Table 29 to Table 35 are derived from tests performed under
ambient temperature and supply voltage conditions summarized in Table 23.
Table 29. Typical and maximum current consumption from VDD supply at VDD = 3.6V
Symbol Parameter Conditions
fHCLK
All peripherals enabled
All peripherals disabled
Unit
Typ
Max @ TA(1)
Typ
Max @ TA(1)
25 °C 85 °C 105 °C
25 °C 85 °C 105 °C
IDD
Supply
current in
Run
mode,
executing
from Flash
External
clock (HSE
bypass)
72 MHz 45.7
48.6
50.0
52.0
25.5
27.5
28.1
28.8
mA
64 MHz 40.6
43.6
44.5
46.4
22.7
24.6
25.2
25.9
48 MHz 30.8
33.6
34.1
35.5
17.3
19.0
19.5
20.0
32 MHz 21.0
22.9
23.5
25.6
11.7
13.2
13.7
14.1
24 MHz 16.0
16.8
18.0
18.9
9.0
10.4
10.8
11.4
8 MHz
5.4
5.6
6.1
7.2
3.3
3.3
3.8
4.2
1 MHz
1.1
1.2
1.7
2.7
0.8
0.9
1.3
1.6
Internal
clock (HSI)
64 MHz 37.6
41.3
42.9
44.7
22.5
24.7
25.0
25.8
48 MHz 28.7
32.3
33.1
34.0
17.2
19.1
19.4
19.6
32 MHz 19.5
22.0
23.4
24.6
11.5
12.9
13.5
13.7
24 MHz 14.9
16.6
17.9
18.4
6.0
7.0
7.4
7.9
8 MHz
5.2
5.5
6.4
7.0
3.2
3.8
4.3
4.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com