Electronic Components Datasheet Search
  English  ▼

X  

STM32F301C8 Datasheet(PDF) 72 Page - STMicroelectronics

Part # STM32F301C8
Description  Arm® Cortex®-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 – 3.6 V
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F301C8 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button STM32F301C8 Datasheet HTML 68Page - STMicroelectronics STM32F301C8 Datasheet HTML 69Page - STMicroelectronics STM32F301C8 Datasheet HTML 70Page - STMicroelectronics STM32F301C8 Datasheet HTML 71Page - STMicroelectronics STM32F301C8 Datasheet HTML 72Page - STMicroelectronics STM32F301C8 Datasheet HTML 73Page - STMicroelectronics STM32F301C8 Datasheet HTML 74Page - STMicroelectronics STM32F301C8 Datasheet HTML 75Page - STMicroelectronics STM32F301C8 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 141 page
background image
Electrical characteristics
STM32F301x6 STM32F301x8
72/141
DS9895 Rev 8
Table 37. Peripheral current consumption
Peripheral
Typical consumption(1)
Unit
IDD
BusMatrix (2)
11.3
µA/MHz
DMA1
6.7
CRC
2.0
GPIOA
8.5
GPIOB
8.3
GPIOC
8.6
GPIOD
1.5
GPIOF
1.0
TSC
4.7
ADC1
15.9
APB2-Bridge (3)
2.7
SYSCFG
3.2
TIM1
27.6
USART1
21.0
TIM15
14.3
TIM16
10.1
TIM17
10.4
APB1-Bridge (3)
5.8
TIM2
40.7
TIM6
7.4
WWDG
4.6
SPI2
35.2
SPI3
34.2
USART2
13.9
USART3
13.1
I2C1
9.4
I2C2
9.4
PWR
4.5
DAC
8.3
I2C3
10.5
1. The power consumption of the analog part (IDDA) of peripherals such as ADC, DAC, Comparators, OpAmp etc. is not
included. Refer to the tables of characteristics in the subsequent sections.
2. BusMatrix is automatically active when at least one master is ON (CPU or DMA1).
3. The APBx bridge is automatically active when at least one peripheral is ON on the same bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com