Electronic Components Datasheet Search
  English  ▼

X  

STM32F301C8 Datasheet(PDF) 68 Page - STMicroelectronics

Part # STM32F301C8
Description  Arm® Cortex®-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 – 3.6 V
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F301C8 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button STM32F301C8 Datasheet HTML 64Page - STMicroelectronics STM32F301C8 Datasheet HTML 65Page - STMicroelectronics STM32F301C8 Datasheet HTML 66Page - STMicroelectronics STM32F301C8 Datasheet HTML 67Page - STMicroelectronics STM32F301C8 Datasheet HTML 68Page - STMicroelectronics STM32F301C8 Datasheet HTML 69Page - STMicroelectronics STM32F301C8 Datasheet HTML 70Page - STMicroelectronics STM32F301C8 Datasheet HTML 71Page - STMicroelectronics STM32F301C8 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 141 page
background image
Electrical characteristics
STM32F301x6 STM32F301x8
68/141
DS9895 Rev 8
Table 35. Typical current consumption in Sleep mode, code running from Flash or RAM
Symbol
Parameter
Conditions
fHCLK
Typ
Unit
Peripherals
enabled
Peripherals
disabled
IDD
Supply current in
Sleep mode from
VDD supply
Running from HSE
crystal clock 8 MHz,
code executing from
Flash or RAM
72 MHz
28.7
6.1
mA
64 MHz
25.6
5.5
48 MHz
19.3
4.26
32 MHz
13.1
3.04
24 MHz
10.0
2.42
16 MHz
6.8
1.81
8 MHz
3.54
0.98
4 MHz
2.35
0.88
2 MHz
1.64
0.80
1 MHz
1.28
0.77
500 kHz
1.11
0.75
125 kHz
0.92
0.74
IDDA(1) (2)
Supply current in
Sleep mode from
VDDA supply
72 MHz
237.1
µA
64 MHz
208.3
48 MHz
154.3
32 MHz
105.0
24 MHz
81.3
16 MHz
57.8
8 MHz
1.15
4 MHz
1.15
2 MHz
1.15
1 MHz
1.15
500 kHz
1.15
125 kHz
1.15
1. VDDA supervisor is OFF.
2. When peripherals are enabled, the power consumption of the analog part of peripherals such as ADC, DAC, Comparators,
OpAmp etc. is not included. Refer to the tables of characteristics in the subsequent sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com