Electronic Components Datasheet Search
  English  ▼

X  

L6268 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6268
Description  12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL "COMBO?
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6268 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6268 Datasheet HTML 4Page - STMicroelectronics L6268 Datasheet HTML 5Page - STMicroelectronics L6268 Datasheet HTML 6Page - STMicroelectronics L6268 Datasheet HTML 7Page - STMicroelectronics L6268 Datasheet HTML 8Page - STMicroelectronics L6268 Datasheet HTML 9Page - STMicroelectronics L6268 Datasheet HTML 10Page - STMicroelectronics L6268 Datasheet HTML 11Page - STMicroelectronics L6268 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
SERIAL PORT OPERATION
The serial port interface is a bi-directional port for reading and writing programming data from/to the in-
ternal registers of this device. For data transfers SDEN* is brought high, serial data is presented at the
SDATA pin, and a serial clock is applied to the SCLK pin. After the SDEN* goes high , the first 16 pulses
applied to the SCLK pin will shift the data presented at the SDATA pin into an internal shift register on
the rising edge of each clock. An internal counter prevents more than 16 bits from being shifted into the
register. The data in the shift register is latched after the 16th SCLK pulse. If less than 16 clock pulses
are provided before SDEN* goes low, the data transfer is aborted.
All transfers are shifted into the serial port LSB first. The first byte of the transfer is for R/W and address
and instruction information. The first bit is R/W instruction bit, 0 is for WRITE and 1 is for READ.
Following 7 bits are Address.
INSTRUCTION, 1 BIT
ADDRESS, 7 BITS
D98IN845
DATA, 8 BITS
SDEN
SCLK
SDATA
Figure 2. Serial Port Data Transfer Format.
INTERNAL REGISTER DEFINITION
Reg:
Name:
Type:
Address:
0
VCM DAC (High) Register
Write only
0Eh
BIT
LABEL
DESCRIPTION
0
VDAC BIT8
VCM DAC bit 8
1
VDAC BIT9
VCM DAC bit 9
2
VDAC BIT10
VCM DAC bit 10
3
VDAC BIT11
VCM DAC bit 11
4
VDAC BIT12
VCM DAC bit 12
5
VDAC BIT13
MSB resistor ladder of the 14 bit VCM DAC
6
PSM/LINEAR
Selects Voice Coil PSM or Linear Output Current Control. 1=PSM
0=Linear.
7
VCM_CAL
VCM calibration. 1 = Enables VCM control circuits and tristates
VCM power transistors.
L6268
8/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com