Electronic Components Datasheet Search
  English  ▼

X  

L6268 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6268
Description  12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL "COMBO?
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6268 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6268 Datasheet HTML 8Page - STMicroelectronics L6268 Datasheet HTML 9Page - STMicroelectronics L6268 Datasheet HTML 10Page - STMicroelectronics L6268 Datasheet HTML 11Page - STMicroelectronics L6268 Datasheet HTML 12Page - STMicroelectronics L6268 Datasheet HTML 13Page - STMicroelectronics L6268 Datasheet HTML 14Page - STMicroelectronics L6268 Datasheet HTML 15Page - STMicroelectronics L6268 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
INTERNAL REGISTER DEFINITION
Reg:
Name:
Type:
Address:
7
Spindle Status Register
Read only
7Eh
BIT
LABEL
DESCRIPTION
0
THERMAL
Thermal Shutdown = 0 indicates that the chip temperature has exceeded 160
°C.
The bit will reset (=1) when the temperature falls below 130
°C. When Thermal
Shutdown =0, the spindle logic will tristate both high and low side drivers,
protecting the output circuitry.
1
THERM_WARN
Thermal Shutdown Warning =0 indicates that the chip temperature is
approximately 25
°C before the device goes in thermal shut down.
2
ROTOR_STUCK
0 = A sequential Spindle BEMF has not been detected
3
FAULT
1 = Rapid deceleration of the Spindle motor or High frequency on FCOM signal.
4
MASK_TIME
Mask Time toggled to ”0” indicates that the Spindle BEMF is masked.
5
ERROR_LOCK
0 = Indicates error Spindle speed > 16msec/sample, either electrical or
mechanical.
6
ALIGN
0 indicate that the Spindle is in the Internal Start-Up Align Phase.
7
GO
0 indicate that the Spindle is in the Internal Start-Up Go Phase.
Reg:
Name:
Type:
Address:
8
Spindle FLL Register
Write only
8Eh
BIT
LABEL
DESCRIPTION
0
SSLEW
Spindle PWM (chopping) Slew Rate. 0 = 10V
µS, 1 = 20VµS
1
ICP
Spindle FLL Charge pump current. 1= 25
µA, 0 = 100µA.
2
Unused. Set = 0.
3
ISNS
1 = Puts output of the Spindle sense amplifier on FCOM pin and changes limit to
roughly 1/3 of normal.
4
IL1
Adjust maximum voltage on Spindle Rsense
5
IL0
Adjust maximum voltage on Spindle Rsense
6
CPL
1 = Spindle FLL Charge pump low
7
CPH
1 = Spindle FLL Charge pump high
”IL0”
”IL1”
”ISNS”
V(I_SENSE) LIMIT (
±10%)
0
0
0
0.45V
1
0
0
0.50V
0
1
0
0.55V
1
1
0
0.75V
0
0
1
0.15V
1
0
1
0.20V
0
1
1
0.25V
1
1
1
0.30V
L6268
12/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com