Electronic Components Datasheet Search
  English  ▼

X  

L6268 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6268
Description  12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL "COMBO?
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6268 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6268 Datasheet HTML 9Page - STMicroelectronics L6268 Datasheet HTML 10Page - STMicroelectronics L6268 Datasheet HTML 11Page - STMicroelectronics L6268 Datasheet HTML 12Page - STMicroelectronics L6268 Datasheet HTML 13Page - STMicroelectronics L6268 Datasheet HTML 14Page - STMicroelectronics L6268 Datasheet HTML 15Page - STMicroelectronics L6268 Datasheet HTML 16Page - STMicroelectronics L6268 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
INTERNAL REGISTER DEFINITION
Reg:
Name:
Type:
Address:
10
Test Control Register
Write only
AEh
BIT
LABEL
DESCRIPTION
0
Unused. Set = 0
1
Unused. Set = 0
2
Unused. Set = 0
3
Unused. Set = 0
4
FLL_OUT
1 = Spindle Mech/Elec (see bit 5 register 2) output, 0 = Spindle
zero crossing output.
5
REV_BRAKE
Spindle Reverse Brake command. 1 = Brake. “0” has to be
reinserted to enable the spindle start up.
6
Unused. Set = 0
7
VB/DIS
1 = Disable Vboost
Reg:
Name:
Type:
Address:
11
VCM Control Register
Write only
BEh
BIT
LABEL
DESCRIPTION
0
VCMS
VCM PSM (chopping) Slew Rate. 0 = 10V/
µs, 1 = 20V/µs
1
VCMH
1 = Forces VCM outputs to be High in PSM mode.
2
SLEEP
Unused (for future power saving mode).
3
COMSLEW
Spindle PWM (phase commutation) Slew Rate. 0 = 30V
µs, 1 =
2V
µs.
4
Unused. Set = 0
5
Unused. Set = 0
6
Unused. Set = 0
7
Unused. Set = 0
L6268
14/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com