Electronic Components Datasheet Search
  English  ▼

X  

LTC1065 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC1065
Description  DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1065 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC1065 Datasheet HTML 5Page - Analog Devices LTC1065 Datasheet HTML 6Page - Analog Devices LTC1065 Datasheet HTML 7Page - Analog Devices LTC1065 Datasheet HTML 8Page - Analog Devices LTC1065 Datasheet HTML 9Page - Analog Devices LTC1065 Datasheet HTML 10Page - Analog Devices LTC1065 Datasheet HTML 11Page - Analog Devices LTC1065 Datasheet HTML 12Page - Analog Devices LTC1065 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC1063
9
1063fa
CLOCK FREQUENCY (MHz)
0.5
0.80
0.75
0.70
0.65
0.60
0.55
0.50
0.45
0.40
2.5
1063 F06
1.0
1.5
2.0
3.0
fCLK = K/RC
C = 10pF
TA = 25°C
VS = ±7.5V
VS = ±2.5V
VS = ±5V
CLOCK FREQUENCY (kHz)
0
4
3
2
1
0
–1
–2
–3
–4
400
1063 F05
100
200
300
500
C = 200pF
TA = –40°C
TA = 85°C
VS = ±2.5V
VS = ±5V
VS = ±7.5V
VS = ±7.5V
VS = ±5V
VS = ±2.5V
INTERNAL CLOCK FREQUENCY (kHz)
1.25
1.20
1.15
1.10
1.05
1.00
0.95
0.90
0.85
0.80
0.75
1063 F04b
100
300
500
VS = ±7.5V
VS = ±2.5V
FCLK = K/RC
C = 200pF
TA = 25°C
VS = ±5V
200
400
VIN
R
VOUT
1063 F04a
C
V–
V+
1
2
3
4
8
7
6
5
LTC1063
Self-Clocking Operation
The LTC1063 features an internal oscillator which can be
tuned via an external RC. The LTC1063’s internal oscillator
is primarily intended for generation of clock frequencies
below 500kHz. The first curve of the Typical Performance
Characteristics section shows how to quickly choose the
value of the RC for a given frequency. More precisely, the
frequency of the internal oscillator is equal to:
fCLK = K/RC
For clock frequencies (fCLK) below 100kHz, K equals 1.07.
Figure 4b shows the variation of the parameter K versus
clock frequency and power supply. First choose the de-
sired clock frequency, (fCLK < 500kHz), then through
Figure 4b pick the right value of K, set C = 200pF and solve
for R.
Example 1: fCUTOFF = 2kHz, fCLK = 200kHz, VS = ±5V,
TA = 25°C, K = 1.0, C = 200pF
then,
R = (1.0)/(200kHz
× 204pF) = 24.5k.
Figure 4b. fCLK vs K
Note a 4pF parasitic capacitance is assumed in parallel
with the external 200pF timing capacitor. Figure 5 shows
the clock frequency variation from – 40
°C to 85°C. The
200kHz clock of Example 1 will change by –1.75% at 85
°C.
Figure 5. fCLK vs Temperature
For a very limited temperature range, the internal oscillator
of the LTC1063 can be used to generate clock frequencies
above 500kHz (Figures 6 and 7). The data of Figure 6 is
derived from several devices. For a given external (RC)
value, the observed device-to-device clock frequency varia-
tion was
±1% (VS = ±5V), and ±1.25% for VS = ±2.5V.
Example 2:
fCUTOFF = 20kHz, fCLK = 2MHz, VS = ±7.5V,
TA = 25°C, C = 10pF
from Figure 6, K = 0.575,
and,
R = (0.575)/(2MHz
× 14pF) = 20.5k.
Figure 6. fCLK vs K
Figure 4a.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com