Electronic Components Datasheet Search
  English  ▼

X  

LTC1065 Datasheet(PDF) 16 Page - Analog Devices

Part # LTC1065
Description  DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1065 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTC1065 Datasheet HTML 8Page - Analog Devices LTC1065 Datasheet HTML 9Page - Analog Devices LTC1065 Datasheet HTML 10Page - Analog Devices LTC1065 Datasheet HTML 11Page - Analog Devices LTC1065 Datasheet HTML 12Page - Analog Devices LTC1065 Datasheet HTML 13Page - Analog Devices LTC1065 Datasheet HTML 14Page - Analog Devices LTC1065 Datasheet HTML 15Page - Analog Devices LTC1065 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LTC1063
16
1063fa
(LTC1063)VOS
2
fNOTCH
f(–20dB)BW
=
10.4
1
• fNOTCH =
• NOTCH DEPTH > 50dB
• OUPUT DC OFFSET =
≅ 500µV
• OUTPUT NOISE = 50
µVRMS
•
fCLK
119.04
R2
9.53k
±0.1%
VIN
–5V
R1
10k
± 0.1%
V+
5V
0.1
µF
1
2
3
4
8
7
6
5
LTC1063
fCLK
0.1
µF
–
LT1007
1
µF
TANT
+
1063 TA07
INPUT FREQUENCY (Hz)
340
0
–10
–20
–30
–40
–50
–60
–70
215
465
590
715
840
965
1090
1215
1340 1465
81Hz
fCLK = 100kHz
fn = 840Hz
+
Low Noise DC Accurate Clock-Tunable Notch
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
©LINEAR TECHNOLOGY CORPORATION 1993
LT/LT 0905 REV A • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1065
Clock-Tunable 5th Order Bessel Lowpass Filter
1mV Offset, 80dB CMR
LTC1565-31
650kHz Linear Phase Lowpass Filter
Continuous Time, Fully Differential In/Out
LTC1566-1
Low Noise, 2.3MHz Lowpass Filter
Continuous Time, Fully Differential In/Out
LT1567
Low Noise Op Amp and Inverter Building Block
Single Ended to Differential Conv
LT1568
Low Noise, 10MHz 4th Order Building Block
Lowpass or Bandpass, Differential Outputs
LTC1569-6
Linear Phase, DC Accurate, 10th Order Lowpass
Resistor Set Clock, FC < 64kHz
LTC1569-7
Linear Phase, DC Accurate, 10th Order Lowpass
Resistor Set Clock, FC < 300kHz
LT6600-2.5
Low Noise Differential Amp and 10MHz Lowpass
55
µVRMS Noise 100kHz-10MHz 3V Supply
LT6600-10
Low Noise Differential Amp and 20MHz Lowpass
86
µVRMS Noise 100kHz-20MHz 3V Supply
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com