Electronic Components Datasheet Search
  English  ▼

X  

LTC1065 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC1065
Description  DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1065 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC1065 Datasheet HTML 7Page - Analog Devices LTC1065 Datasheet HTML 8Page - Analog Devices LTC1065 Datasheet HTML 9Page - Analog Devices LTC1065 Datasheet HTML 10Page - Analog Devices LTC1065 Datasheet HTML 11Page - Analog Devices LTC1065 Datasheet HTML 12Page - Analog Devices LTC1065 Datasheet HTML 13Page - Analog Devices LTC1065 Datasheet HTML 14Page - Analog Devices LTC1065 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC1063
11
1063fa
VIN
VOUT
1063 F10
C
V–
V+
R
0.1
µF
1
2
3
4
8
7
6
5
LTC1063
0.1
µF
fCLK
20
10
2
πRC
≤
≤
1
fCLK
fCLK
Aliasing
Aliasing is an inherent phenomenon of sampled data filters
and it primarily occurs when the frequency of an input
signal approaches the sampling frequency. For the
LTC1063, an input signal whose frequency is in the range
of fCLK ±6% will generate an alias signal into the filter’s
passband and stopband. Table 4 shows details.
Example:
LTC1063, fCLK = 20kHz, fC = 200kHz,
fIN = (19.6kHz, 100mVRMS)
fALIAS = (400Hz, 3.16mVRMS)
An input RC can be used to attenuate incoming signals
close to the filter clock frequency (Figure 10). A Butterworth
passband response will be maintained if the value of the
input resistor follows Table 1.
Table 4. Aliasing Data
INPUT FREQUENCY
OUTPUT FREQUENCY
0.9995fCLK
0.0005 fCLK
0dB
0.995 fCLK
0.005 fCLK
0dB
0.99
fCLK
0.01
fCLK
–3
dB
0.9875fCLK
0.0125 fCLK
–10.2 dB
0.985 fCLK
0.015 fCLK
– 17.7 dB
0.9825fCLK
0.0175 fCLK
– 24.3 dB
0.98
fCLK
0.02
fCLK
–30
dB
0.975 fCLK
0.025 fCLK
–40
dB
0.97
fCLK
0.03
fCLK
–48
dB
0.965 fCLK
0.035 fCLK
– 54.5 dB
0.96
fCLK
0.04
fCLK
– 60.4 dB
0.955 fCLK
0.045 fCLK
– 65.5 dB
0.95
fCLK
0.05
fCLK
– 70.16 dB
0.94
fCLK
0.06
fCLK
– 78.25 dB
0.93
fCLK
0.07
fCLK
– 85.3 dB
0.9
fCLK
0.1
fCLK
– 100.3 dB
Figure 10. Adding an Input Anti-Aliasing RC
noise ratio at a given distortion level. The wideband noise
(
µVRMS) is nearly independent of the value of the clock
frequency and excludes the clock feedthrough. The
LTC1063’s typical wideband noise is 95
µVRMS. Figure 9
shows the same scope photo as Figure 8 but with a more
sensitive vertical scale: The clock feedthrough is imbed-
ded in the filter’s wideband noise. The peak-to-peak
wideband noise of the filter can be clearly seen; it is
approximately 500
µVP-P. Note that 500µVP-P equals the
95
µVRMS wideband noise of the part, multiplied by a crest
factor or 5.25.
OUTPUT AMPLITUDE
REFERENCED TO
INPUT SIGNAL
2
µs/DIV
1063 F08
fCLK = 100kHz, fC = 1kHz, VS = ±5V, 1MHz SCOPE BW
2
µs/DIV
1063 F09
fCLK = 100kHz, fC = 1kHz, VS = ±5V, 1MHz SCOPE BW
Figure 8. LTC1063 Output Clock Feedthrough + Noise
Figure 9. LTC1063 Output Clock Feedthrough + Noise
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com