Electronic Components Datasheet Search
  English  ▼

X  

W150HT Datasheet(PDF) 12 Page - SpectraLinear Inc

Part # W150HT
Description  440BX AGPset Spread Spectrum Frequency Synthesizer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

W150HT Datasheet(HTML) 12 Page - SpectraLinear Inc

Back Button W150HT Datasheet HTML 6Page - SpectraLinear Inc W150HT Datasheet HTML 7Page - SpectraLinear Inc W150HT Datasheet HTML 8Page - SpectraLinear Inc W150HT Datasheet HTML 9Page - SpectraLinear Inc W150HT Datasheet HTML 10Page - SpectraLinear Inc W150HT Datasheet HTML 11Page - SpectraLinear Inc W150HT Datasheet HTML 12Page - SpectraLinear Inc W150HT Datasheet HTML 13Page - SpectraLinear Inc W150HT Datasheet HTML 14Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
W150
Rev 1.0, November 24, 2006
Page 12 of 14
Layout Example
tD
Duty Cycle
Measured on rising and falling edge at
1.5V
45
55
45
55
%
tSK
Output Skew
Measured on rising and falling edge at
1.5V
250
250
ps
tPD
Propagation Delay
Measured from SDRAMIN
3.7
3.7
ns
Zo
AC Output Impedance
Average value during switching
transition. Used for determining series
termination value.
15
15
48-MHz Clock Output (Lump Capacitance Test Load = 20 pF)
Parameter
Description
Test Condition/Comments
CPU = 66.8/100 MHz
Unit
Min.
Typ.
Max.
f
Frequency, Actual
Determined by PLL divider ratio (see m/n below)
48.008
MHz
fD
Deviation from 48 MHz
(48.008 – 48)/48
+167
ppm
m/n
PLL Ratio
(14.31818 MHz x 57/17 = 48.008 MHz)
57/17
tR
Output Rise Edge Rate
Measured from 0.4V to 2.4V
0.5
2
V/ns
tF
Output Fall Edge Rate
Measured from 2.4V to 0.4V
0.5
2
V/ns
tD
Duty Cycle
Measured on rising and falling edge at 1.5V
45
55
%
fST
Frequency Stabilization
from Power-up (cold
start)
Assumes full supply voltage reached within 1 ms from
power-up. Short cycles exist prior to frequency stabili-
zation.
3ms
Zo
AC Output Impedance
Average value during switching transition. Used for deter-
mining series termination value.
25
24-MHz Clock Output (Lump Capacitance Test Load = 20 pF
Parameter
Description
Test Condition/Comments
CPU = 66.8/100 MHz
Unit
Min.
Typ.
Max.
f
Frequency, Actual
Determined by PLL divider ratio (see m/n below)
24.004
MHz
fD
Deviation from 24 MHz (24.004 – 24)/24
+167
ppm
m/n
PLL Ratio
(14.31818 MHz x 57/34 = 24.004 MHz)
57/34
tR
Output Rise Edge Rate Measured from 0.4V to 2.4V
0.5
2
V/ns
tF
Output Fall Edge Rate
Measured from 2.4V to 0.4V
0.5
2
V/ns
tD
Duty Cycle
Measured on rising and falling edge at 1.5V
45
55
%
fST
Frequency Stabilization
from Power-up (cold
start)
Assumes full supply voltage reached within 1 ms from
power-up. Short cycles exist prior to frequency stabili-
zation.
3ms
Zo
AC Output Impedance
Average value during switching transition. Used for
determining series termination value.
25
SDRAM 0:15, _F Clock Outputs (Lump Capacitance Test Load = 30 pF) (continued)
Parameter
Description
Test Condition/Comments
CPU = 66.8 MHz
CPU = 100 MHz
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com