Electronic Components Datasheet Search
  English  ▼

X  

U2000/1B Datasheet(PDF) 25 Page - Keysight Technologies

Part # U2000/1B
Description  U2000 Series USB Power Sensors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U2000/1B Datasheet(HTML) 25 Page - Keysight Technologies

Back Button U2000/1B Datasheet HTML 18Page - Keysight Technologies U2000/1B Datasheet HTML 19Page - Keysight Technologies U2000/1B Datasheet HTML 20Page - Keysight Technologies U2000/1B Datasheet HTML 21Page - Keysight Technologies U2000/1B Datasheet HTML 22Page - Keysight Technologies U2000/1B Datasheet HTML 23Page - Keysight Technologies U2000/1B Datasheet HTML 24Page - Keysight Technologies U2000/1B Datasheet HTML 25Page - Keysight Technologies U2000/1B Datasheet HTML 26Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
Ordering Information (continued)
Accessories, calibration and documentation options
Cables
Description
U2031A
USB 2.0 Type A to 5-pin Mini-B cable with secure locking mechanism, 1.5 m (5 ft)
U2031B
USB 2.0 Type A to 5-pin Mini-B cable with secure locking mechanism, 3.0 m (10 ft)
U2031C
USB 2.0 Type A to 5-pin Mini-B cable with secure locking mechanism, 5.0 m (16.4 ft)
U2032A
BNC (m) to SMB (f) trigger cable, 1.5 m, 50 W
Travel kits
Description
U2000A-201
Transit case1
U2000A-202
Soft carrying case
U2000B-201
Transit case2
U2000A-204
Soft carrying pouch
Hanging kit
Description
U2000A-203
Holster
Calibration
Description
Option 1A7
ISO 17025 calibration with test data
Option A6J
ANSI Z540 calibration with test data
Warranty
Description
Option R-51B-001-5Z
Warranty Assurance Plan - Return to Keysight - 5 years
Documentation
Description
Option OB1
English language Operating and Service Guide
Option ABD
German language Operating and Service Guide
Option ABE
Spanish language Operating and Service Guide
Option ABF
French language Operating and Service Guide
Option ABJ
Japanese language Operating and Service Guide
Option ABZ
Italian language Operating and Service Guide
Option AB2
Simplified Chinese language Operating and Service Guide
Software
Description
N1918A-100
Power Analyzer version of N1918A Power Analysis Manager software (PC license)
N1918A-200
Power Analyzer version of N1918A Power Analysis Manager software (USB dongle license)
BV0007A
BenchVue Power Meter Pro App license
Complementary I/O connectivity
hardware
Description
E5813A3
Networked 5-port USB hub
1. U2000A-201 transit case for A model only.
2. U2000B-201 transit case for B and H model
3. Refer to www.keysight.com/find/e5813a for more information on the device
U2000A/B-201 Transit case
U2000A-202 Soft carrying case
U2000A-203 Holster
U2000A-204 Soft carrying pouch
25 | Keysight | U2000 Series USB Power Sensors - Data Sheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com