Electronic Components Datasheet Search
  English  ▼

X  

U2000/1B Datasheet(PDF) 12 Page - Keysight Technologies

Part # U2000/1B
Description  U2000 Series USB Power Sensors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U2000/1B Datasheet(HTML) 12 Page - Keysight Technologies

Back Button U2000/1B Datasheet HTML 8Page - Keysight Technologies U2000/1B Datasheet HTML 9Page - Keysight Technologies U2000/1B Datasheet HTML 10Page - Keysight Technologies U2000/1B Datasheet HTML 11Page - Keysight Technologies U2000/1B Datasheet HTML 12Page - Keysight Technologies U2000/1B Datasheet HTML 13Page - Keysight Technologies U2000/1B Datasheet HTML 14Page - Keysight Technologies U2000/1B Datasheet HTML 15Page - Keysight Technologies U2000/1B Datasheet HTML 16Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
Specifications (continued)
Zero set, zero drift, and measurement noise
Average only Mode
Power range1
Zero set (internal)
Zero set (external)
Zero drift2
Measurement noise3
U2000/1/2/4A
–60 to –35 dBm
–38 to –15 dBm
–20 to –6.5 dBm
–7.5 to –2 dBm
–4 to 15 dBm
10 to 20 dBm
± 1.5 nW
± 2 nW
± 12 nW
± 2 µW
± 4 µW
± 6 µW
± 600 pW
± 1.5 nW
± 10 nW
± 500 nW
± 1 µW
± 5 µW
200 pW
400 pW
1.5 nW
50 nW
500 nW
2 µW
1 nW
1.5 nW
15 nW
650 nW
1 µW
10 µW
U2004A
–60 to –35 dBm
–38 to –15 dBm
–20 to –6.5 dBm
–7.5 to –2 dBm
–4 to 15 dBm
10 to 20 dBm
± 2.8 nW
± 3 nW
± 12 nW
± 2 µW
± 4 µW
± 6 µW
± 600 nW
± 1.5 nW
± 10 nW
± 500 µW
± 1 µW
± 5 µW
200 nW
400 nW
1.5 nW
50 nW
500 µW
2 µW
1 nW
1.5 nW
15 nW
650 µW
1 µW
10 µW
U2000/1/2H
–50 to –25 dBm
–28 to –5 dBm
–10 to 3.5 dBm
2.5 to 8 dBm
6 to 25 dBm
20 to 30 dBm
± 15 nW
± 20 nW
± 120 nW
± 20 µW
± 40 µW
± 60 µW
± 8 nW
± 20 nW
± 100 nW
± 20 µW
± 30 µW
± 60 µW
2 nW
4 nW
15 nW
500 nW
5 µW
20 µW
10 nW
15 nW
150 nW
6.5 µW
10 µW
100 µW
U2000/1B sensors
–30 to –5 dBm
–8 to 15 dBm
10 to 23.5 dBm
22.5 to 28 dBm
26 to 44 dBm
± 1.8 µW
± 2 µW
± 12 µW
± 2 mW
± 4 mW
± 800 nW
± 2 µW
± 10 µW
± 1 mW
± 2 mW
200 nW
400 nW
1.5 µW
50 nW
500 µW
1 µW
1.5 µW
15 µW
650 µW
1 mW
1. Condition: (i) 0 to 55 °C and (ii) 95% relative humidity at 40 °C non-condensing.
2. Within one hour after zero set, at a constant temperature, after a 24-hour warm-up of the power sensor.
3. The number of averages at 1 for
Normal speed, gate length of 2.27 ms, measured over one minute interval and two standard deviations.
12 | Keysight | U2000 Series USB Power Sensors - Data Sheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com