Electronic Components Datasheet Search
  English  ▼

X  

U2000/1B Datasheet(PDF) 10 Page - Keysight Technologies

Part # U2000/1B
Description  U2000 Series USB Power Sensors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U2000/1B Datasheet(HTML) 10 Page - Keysight Technologies

Back Button U2000/1B Datasheet HTML 6Page - Keysight Technologies U2000/1B Datasheet HTML 7Page - Keysight Technologies U2000/1B Datasheet HTML 8Page - Keysight Technologies U2000/1B Datasheet HTML 9Page - Keysight Technologies U2000/1B Datasheet HTML 10Page - Keysight Technologies U2000/1B Datasheet HTML 11Page - Keysight Technologies U2000/1B Datasheet HTML 12Page - Keysight Technologies U2000/1B Datasheet HTML 13Page - Keysight Technologies U2000/1B Datasheet HTML 14Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Specifications (continued)
Switching point
The U2000 Series power sensors have two measurement paths: a low power path and a high power path, as shown in the
table below.
Models
AUTO (default) range
Low power path
High power path
Switching point
U2000/1/2/4A
–60 to +20 dBm
–60 to –7 dBm
–7 to +20 dBm
–7 dBm
U2000/1/2H
–50 to +30 dBm
–50 to +3 dBm
+3 to +30 dBm
+3 dBm
U2000/1B
–30 to +44 dBm
–30 to +23 dBm
+23 to +44 dBm
+23 dBm
Each power sensor automatically
selects the proper power level path.
To avoid unnecessary switching when
the power level is close to the switch-
ing point, switching point hysteresis
has been added.
Offset at switching point:
≤ ± 0.5% (≤ ± 0.02 dB) typical
Switching point hysteresis:
± 0.5 dBm typical
Example with U2000 “A” suffix
sensors: Switching point for the
U2000/1/2/4A sensors is at –7 dBm.
Hysteresis causes the low power
path to remain selected until approxi-
mately –6.5 dBm as the power level
is increased. Above this power, the
high power path is selected. The high
power path remains selected until
approximately –7.5 dBm is reached
as the signal level decreases. Below
this power, the low power path is
selected.
Power accuracy
Average only Mode Power Accuracy1 (with exclusions)
Model
Power range
Accuracy1 (25 °C ± 10 °C)
Accuracy1 (0 °C to 55 °C)
U2000/1/2/4A
–60 to +20 dBm
±3.0%
±3.5%
U2000/1/2H
–50 to +30 dBm
±4.0%
±5.0%
U2000/1B
–30 to +44 dBm
±3.5%
±4.0%
Specifications valid with the following conditions:
– After zeroing3
– Number of averages = 1024
– After 30 minutes of power-on warm-up
Normal Mode Power Accuracy1, 2 (with exclusions)
Model
Power level
Accuracy (25 °C ± 10 °C)
U2000/1/2/A
–30 to +20 dBm
±4.0%
U2000/1/2H
–20 to +30 dBm
±5.0%
U2000/1B
0 to +44 dBm
±4.5%
1. This accuracy is essentially a combination of linearity, instrumentation accuracy, and traceability to absolute accuracy at 50 MHz, 0 dBm.
Note: Mismatch uncertainty, calibration factor uncertainty, and power level dependent terms (zero set, drift, and noise) are excluded in this
specification and specified elsewhere in the data sheet.
2. The accuracy for –7 to +1 dBm (U2000/1/2A), +3 to +11 dBm (U2000/1/2H), and +23 to +31 dBm (U2000/1B) power level will be dominated
by zero set and measurement noise. For overall accuracy, refer to the measurement uncertainty calculator which is available on the Keysight
Technologies Web site.
3. It is advisable to perform external zeroing on the U2000 Series power sensor for power measurement level below –30 dBm. During the exter-
nal zeroing process, the RF input signal must be switched off or the device-under-test disconnected from the U2000 Series power sensor.
10 | Keysight | U2000 Series USB Power Sensors - Data Sheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com