Electronic Components Datasheet Search
  English  ▼

X  

LTC1063 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC1063
Description  DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1063 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC1063 Datasheet HTML 5Page - Analog Devices LTC1063 Datasheet HTML 6Page - Analog Devices LTC1063 Datasheet HTML 7Page - Analog Devices LTC1063 Datasheet HTML 8Page - Analog Devices LTC1063 Datasheet HTML 9Page - Analog Devices LTC1063 Datasheet HTML 10Page - Analog Devices LTC1063 Datasheet HTML 11Page - Analog Devices LTC1063 Datasheet HTML 12Page - Analog Devices LTC1063 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LTC1065
1065fb
CLOCK FREQUENCY (MHz)
0.5
0.80
0.75
0.70
0.65
0.60
0.55
0.50
0.45
0.40
2.5
1065 F07
1.0
1.5
2.0
3.0
fCLK = K/RC
C = 10pF
TA = 70°C
VS = ±7.5V
VS = ±2.5V
VS = ±5V
CLOCK FREQUENCY (MHz)
0.5
0.80
0.75
0.70
0.65
0.60
0.55
0.50
0.45
0.40
2.5
1065 F06
1.0
1.5
2.0
3.0
fCLK = K/RC
C = 10pF
TA = 25°C
VS = ±7.5V
VS = ±2.5V
VS = ±5V
CLOCK FREQUENCY (kHz)
0
4
3
2
1
0
–1
–2
–3
–4
400
1065 F05
100
200
300
500
C = 200pF
TA = –40°C
TA = 85°C
VS = ±2.5V
VS = ±5V
VS = ±7.5V
VS = ±7.5V
VS = ±5V
VS = ±2.5V
S
APPLICATI
I FOR ATIO
Figure 5. fCLK vs Temperature
Figure 6. fCLK vs K
Figure 7. fCLK vs K
A 4pF parasitic capacitance is assumed in parallel with the
external 10pF capacitor. A
±1% clock frequency variation
from device to device can be expected. The 2MHz clock
frequency designed above will typically drift to 1.74MHz at
70
°C (Figure 7).
The internal clock of the LTC1065 can be overridden by an
external clock provided that the external clock source can
drive the timing capacitor C, which is connected from the
clock input pin to ground.
Output Offset
The DC output offset of the LTC1065 is trimmed to
typically less than
±1mV. The trimming is done at VS =
±5V.ToobtainoptimumDCoffsetperformance,appropri-
ate PC layout techniques should be used and the filter IC
should be soldered to the PC board. A socket will degrade
the output DC offset by typically 1mV. The output DC offset
is sensitive to the coupling of the clock output pin 4 (N
package) to the negative power supply pin 3 (N package).
The negative supply pin should be well decoupled. When
the surface mount package is used, all NC pins should be
grounded. When the output DC voltage is measured with
a voltmeter, the filter output pin should be buffered. Long
test leads should be avoided.
With fixed power supplies, the output DC offset should not
change by more than
±100µV over 10Hz to 1MHz clock
frequency variation. When the filter clock frequency is
fixed, the output DC offset will typically change by – 4mV
(2mV) when the power supply varies from
±5V to ±7.5V
(
±2.5V). See Typical Performance Characteristics.
Common Mode Rejection
The common mode rejection is defined as the change of
the output DC offset with respect to the DC change of the
input voltage applied to the filter.
CMR = 20log (
∆VOS OUT/∆VIN)(dB)
Table 3 illustrates the common mode rejection for three
power supplies and three temperatures. The common
mode rejection improves if the output offset is adjusted to
approximately 0V. The output offset can be adjusted via
pin 8 (N package). See Typical Applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com