Electronic Components Datasheet Search
  English  ▼

X  

LTC1063 Datasheet(PDF) 10 Page - Analog Devices

Part # LTC1063
Description  DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1063 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTC1063 Datasheet HTML 6Page - Analog Devices LTC1063 Datasheet HTML 7Page - Analog Devices LTC1063 Datasheet HTML 8Page - Analog Devices LTC1063 Datasheet HTML 9Page - Analog Devices LTC1063 Datasheet HTML 10Page - Analog Devices LTC1063 Datasheet HTML 11Page - Analog Devices LTC1063 Datasheet HTML 12Page - Analog Devices LTC1063 Datasheet HTML 13Page - Analog Devices LTC1063 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LTC1065
1065fb
S
APPLICATI
I FOR ATIO
Table 3. CMR Data, fCLK = 100kHz
25
°C
POWER SUPPLY
∆VIN
–40
°C25°C85°C(VOS Nulled)
±2.5V
±1.8V
84dB
83dB
80dB
83dB
±5V
±4V
82dB
78dB
77dB
78dB
±7.5V
±6V
80dB
77dB
76dB
80dB
2
µs/DIV
1065F08
fCLK = 100kHz, fC = 1kHz, VS = ±5V, 1MHz SCOPE BW
Figure 8. LTC1065 Output Clock Feedthrough + Noise
2
µs/DIV
1063 F09
fCLK = 100kHz, fC = 1kHz, VS = ±5V, 1MHz SCOPE BW
Figure 9. LTC1065 Output Clock Feedthrough + Noise
The above data is valid for clock frequencies up to 800kHz, 900kHz, 1MHz, for
VS = ±2.5V, ±5V, ±7.5V respectively.
Clock Feedthrough
Clock feedthrough is defined as the RMS value of the clock
frequency and its harmonics which are present at the
filter’s output pin. The clock feedthrough is tested with the
filter input grounded and it depends on the quality of the
PC board layout and power supply decoupling. Any para-
sitic switching transients during the rise and fall of the
incoming clock, are not part of the clock feedthrough
specifications; their amplitude strongly depends on scope
probing techniques as well as ground quality and power
supply bypassing. For a power supply VS = ±5V, the clock
feedthrough of the LTC1065 is 50
µVRMS; for VS = ±7.5V,
the clock feedthrough approaches 75
µVRMS. Figures 8
and 9 show a typical scope photo of the LTC1065 output
pin when the input pin is grounded. The filter cutoff
frequency was 1kHz, while scope bandwidth was chosen
to be 1MHz so that switching transients above the 100kHz
clock frequency would show.
Wideband Noise
The wideband noise data is used to determine the operat-
ing signal-to-noise ratio at a given distortion level. The
wideband noise (
µVRMS)isnearlyindependentofthevalue
of the clock frequency and excludes the clock feedthrough.
The LTC1065’s typical wideband noise is 80
µVRMS. Figure
9 shows the same scope photo as Figure 8 but with a more
sensitive vertical scale. The clock feedthrough is imbed-
ded in the filter’s wideband noise. The peak-to-peak wide-
band noise of the filter can be clearly seen; it is approxi-
mately 420
µVP-P. Note that 420µVP-P equals the 80µVRMS
wideband noise of the part multiplied by a crest factor
of 5.25.
Aliasing
Aliasing is an inherent phenomenon of sampled data
filters. It primarily occurs when the frequency of an input
signal approaches the sampling frequency. For the
LTC1065, an input signal whose frequency is in the range
of fCLK ±6% will generate an alias signal into the filter’s
passband and stopband. Table 4 shows details.
Example:
LTC1065, fCLK = 20kHz, fC = 200kHz,
fIN = (19.6kHz, 100mVRMS)
fALIAS = (400Hz, 3.16mVRMS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com