Electronic Components Datasheet Search
  English  ▼

X  

LTC1063 Datasheet(PDF) 12 Page - Analog Devices

Part # LTC1063
Description  DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1063 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC1063 Datasheet HTML 8Page - Analog Devices LTC1063 Datasheet HTML 9Page - Analog Devices LTC1063 Datasheet HTML 10Page - Analog Devices LTC1063 Datasheet HTML 11Page - Analog Devices LTC1063 Datasheet HTML 12Page - Analog Devices LTC1063 Datasheet HTML 13Page - Analog Devices LTC1063 Datasheet HTML 14Page - Analog Devices LTC1063 Datasheet HTML 15Page - Analog Devices LTC1063 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LTC1065
1065fb
VIN
–5V
R
5V
0.1
µF
VOUT
1065 TA03
1
2
3
4
8
7
6
5
LTC1065
C
1
2
3
4
8
7
6
5
LTC1065
–5V
5V
0.1
µF
0.1
µF
0.1
µF
VIN
VOUT
VIN
–5V
R
5V
0.1
µF
VOUT
1065 TA02
1
2
3
4
8
7
6
5
LTC1065
C
1
2
3
4
8
7
6
5
LTC1065
–5V
5V
0.1
µF
0.1
µF
0.1
µF
fC ≅ (1/RC)(1/100)
WIDEBAND NOISE = 110
µVRMS
ATTENUATION AT f = 2fC = 60dB
Cascading Two LTC1065s for Steeper Roll-Off
Sharing Clock for Multichannel Applications
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com