Electronic Components Datasheet Search
  English  ▼

X  

LTC1067CS Datasheet(PDF) 10 Page - Analog Devices

Part # LTC1067CS
Description  Rail-to-Rail, Very Low Noise Universal Dual Filter Building Block
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1067CS Datasheet(HTML) 10 Page - Analog Devices

Back Button LTC1067CS Datasheet HTML 6Page - Analog Devices LTC1067CS Datasheet HTML 7Page - Analog Devices LTC1067CS Datasheet HTML 8Page - Analog Devices LTC1067CS Datasheet HTML 9Page - Analog Devices LTC1067CS Datasheet HTML 10Page - Analog Devices LTC1067CS Datasheet HTML 11Page - Analog Devices LTC1067CS Datasheet HTML 12Page - Analog Devices LTC1067CS Datasheet HTML 13Page - Analog Devices LTC1067CS Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
LTC1067/LTC1067-50
ODES OF OPERATIO
The parallel combination of R5 and R6 should be kept
below 5k.
Please refer to the Operating Limits paragraph under Appli-
cations Information for a guide to the use of capacitor CC.
Mode 3
In Mode 3, the ratio of the external clock frequency to the
center frequency of each 2nd order section can be ad-
justed above or below the part’s nominal ratio. Figure 5
illustrates Mode 3, the classical state variable configura-
tion, providing highpass, bandpass and lowpass 2nd
order filter functions. Mode 3 is slower than Mode 1. Mode
3 can be used to make high order all-pole bandpass,
lowpass and highpass filters.
Please refer to the Operating Limits paragraph under Appli-
cations Information for a guide to the use of capacitor CC.
Mode 2
Mode 2 is a combination of Mode 1 and Mode 3, shown in
Figure 6. With Mode 2, the clock-to-center frequency ratio,
fCLK/fO, is always less than the part’s nominal ratio. The
advantage of Mode 2 is that it provides less sensitivity to
resistor tolerances than does Mode 3. Mode 2 has a
highpass-notch output where the notch frequency
depends solely on the clock frequency and is therefore
less than the center frequency, fO.
Please refer to the Operating Limits paragraph under Appli-
cations Information for a guide to the use of capacitor CC.
–
+
Σ
∫
∫
AGND
R1
HP
BP
LP
VIN
1067 F05
+
–
S
R2
R3
CC
R4
fO =
fCLK
RATIO
HOHP = –
; HOBP = –
;
NOTE: RATIO = 100 FOR LTC1067
= 50 FOR LTC1067-50
R2
R1
R3
R1
R4
R1
HOLP = –
R3
R2
√R2
R4
R3
(RATIO)(0.32)(R4)
(
)
1
1 –
R3
(RATIO)(0.32)(R4)
(
)
1
1 –
( )
√R2
R4
; Q = 1.005
Figure 5. Mode 3, 2nd Order Section Providing
Highpass, Bandpass and Lowpass Outputs
Figure 6. Mode 2, 2nd Order Filter Providing Highpass
Notch, Bandpass and Lowpass Outputs
–
+
Σ
∫
∫
AGND
R1
N
BP
LP
VIN
1067 F04
+
–
S
R2
R3
CC
R5
R6
fO =
; fn = fO
Q =
; HON = –
; HOBP = –
HOLP = –
R2
R1
R3
R1
R3
R2
fCLK
RATIO
√ R6
(R6 + R5)
R2
R1
R6 + R5
R6
√ R6
(R6 + R5)
()
NOTE: RATIO = 100 FOR LTC1067
= 50 FOR LTC1067-50
Figure 4. Mode 1b, 2nd Order Filter Providing Notch,
Bandpass and Lowpass Outputs
–
+
Σ ∫
∫
AGND
R1
HPN
BP
LP
VIN
1067 F06
+
–
S
R2
R3
CC
R4
fO =
; fn =
fCLK
RATIO
√ R2
R4
1 +
fCLK
RATIO
Q = 1.005
R3
R2
( )√ R2
R4
1 +
HOHPN = –
(AC GAIN, f >> fO); HOHPN = –
R2
R1
R2
R1
R2
R1
1
R2
R4
1 +
( ) (DCGAIN)
HOBP = –
R3
R1
; HOLP = –
NOTE: RATIO = 100 FOR LTC1067
= 50 FOR LTC1067-50
R3
(RATIO)(0.32)(R4)
(
)
1
1 –
R3
(RATIO)(0.32)(R4)
(
)
1
1 –
1
R2
R4
1 +
( )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com