Electronic Components Datasheet Search
  English  ▼

X  

LTC1067CS Datasheet(PDF) 11 Page - Analog Devices

Part # LTC1067CS
Description  Rail-to-Rail, Very Low Noise Universal Dual Filter Building Block
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1067CS Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC1067CS Datasheet HTML 7Page - Analog Devices LTC1067CS Datasheet HTML 8Page - Analog Devices LTC1067CS Datasheet HTML 9Page - Analog Devices LTC1067CS Datasheet HTML 10Page - Analog Devices LTC1067CS Datasheet HTML 11Page - Analog Devices LTC1067CS Datasheet HTML 12Page - Analog Devices LTC1067CS Datasheet HTML 13Page - Analog Devices LTC1067CS Datasheet HTML 14Page - Analog Devices LTC1067CS Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
LTC1067/LTC1067-50
ODES OF OPERATIO
Mode 3a
This is an extension of Mode 3 where the highpass and
lowpass outputs are summed through two external resis-
tors, RH and RL, to create a notch (see Figure 7). Mode 3a
is more versatile than Mode 2 because the notch fre-
quency can be higher or lower than the center frequency
of the 2nd order section. The external op amp of Figure 7
is not always required. When cascading the sections of the
LTC1067, the highpass and lowpass outputs can be
summed directly into the inverting input of the next
section.
Please refer to the Operating Limits paragraph under Appli-
cations Information for a guide to the use of capacitor CC.
Figure 7. Mode 3a, 2nd Order Filter Providing a Highpass Notch or Lowpass Notch Output
Mode 2n
This mode extends the circuit topology of Mode 3a to
Mode 2 (Figure 8) where the highpass-notch and lowpass
outputs are summed through two external resistors, RH
and RL, to create a lowpass output with a notch higher in
frequency than the notch in Mode 2. This mode, shown in
Figure 8, is most useful in lowpass elliptic designs. When
cascading the sections of the LTC1067, the highpass-
notch and lowpass outputs can be summed directly into
the inverting input of the next section.
Please refer to the Operating Limits paragraph under Appli-
cations Information for a guide to the use of capacitor CC.
Figure 8. Mode 2n, 2nd Order Filter Providing a Lowpass Notch Output
–
+
Σ
∫
∫
AGND
R1
HP
BP
LP
VIN
1067 F07
+
–
S
R2
R3
R4
CC
–
+
EXTERNAL OP AMP OR INPUT OP
AMP OF THE LTC1067, SIDES A OR B
HIGHPASS
OR LOWPASS
NOTCH OUTPUT
RG
RL
RH
R2
R1
( )
RG
RH
()
fO =
; fn =
HOHPn (f = ∞) =
; HOLPn (f = 0) =
fCLK
RATIO
fCLK
RATIO
√RH
RL
√R2
R4
Q = 1.005
R3
R2
√R2
R4
( )
R4
R1
( )
RG
RL
()
NOTE: RATIO = 100 FOR LTC1067
= 50 FOR LTC1067-50
R3
(RATIO)(0.32)(R4)
(
)
1
1 –
–
+
Σ
∫
∫
AGND
R1
HP
BP
LP
VIN
1067 F08
+
–
S
R2
R3
R4
CC
–
+
EXTERNAL OP AMP OR INPUT OP AMP
OF THE LTC1067, SIDES A OR B
LOWPASS
NOTCH
OUTPUT
RG
RL
RH
fO =
fn =
HOLPn (f = 0)=
+
fCLK
RATIO
fCLK
RATIO
√ RH
RL
1 +
R2
R1
RG
RL
RG
RH
()
1
R2
R4
1 +
( )
( )
√ R2
R4
1 +
Q = 1.005
R3
R2
( )√ R2
R4
1 +
NOTE: RATIO = 100 FOR LTC1067
= 50 FOR LTC1067-50
R3
(RATIO)(0.32)(R4)
(
)
1
1 –



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com