Electronic Components Datasheet Search
  English  ▼

X  

LTC1067CS Datasheet(PDF) 15 Page - Analog Devices

Part # LTC1067CS
Description  Rail-to-Rail, Very Low Noise Universal Dual Filter Building Block
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1067CS Datasheet(HTML) 15 Page - Analog Devices

Back Button LTC1067CS Datasheet HTML 11Page - Analog Devices LTC1067CS Datasheet HTML 12Page - Analog Devices LTC1067CS Datasheet HTML 13Page - Analog Devices LTC1067CS Datasheet HTML 14Page - Analog Devices LTC1067CS Datasheet HTML 15Page - Analog Devices LTC1067CS Datasheet HTML 16Page - Analog Devices LTC1067CS Datasheet HTML 17Page - Analog Devices LTC1067CS Datasheet HTML 18Page - Analog Devices LTC1067CS Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15
LTC1067/LTC1067-50
APPLICATIONS INFORMATION
Figure 14 illustrates how a resistor adjusts the AGND
voltage for use with a 3V/3.3V powered ADC with a full-
scale input of 2.048V. As in the previous circuit, the
resistor value was chosen carefully to assure that a 2.048V
input signal to the filter yields a full-scale reading from the
ADC and a 0V input signal gives the lowest possible value.
For this application, the power supply must be above 2.7V
for an LTC1067-50 filter and above 3V for an LTC1067
filter.
Figure 14. Power and AGND Connections for
3V/3.3V ADC with 2.048V Full Scale
0.1
µF
1067 F14
33.2k
1%
LTC1067
LTC1067-50
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
V+
NC
V+
SA
LPA
BPA
HPA/NA
INV A
CLK
AGND
V–
SB
LPB
BPB
HPB/NB
INV B
3V TO 3.6V
(LTC1067)
2.7V TO 3.6V
(LTC1067-50)
1
µF
Semi-Custom Filter Program
Linear Technology has in place a program to deliver fully
integrated filters, custom designed for any specified appli-
cation. These semi-custom filters are based on an existing
universal filter product with integrated, on-chip resistors.
The final filter is then tested to the exact parameters
defined for the application. The final result is a fully
integrated, accurately tested solution in a smaller pack-
age. For the LTC1067 or LTC1067-50 parts, a semi-
custom filter comes in the SO-8 package and requires only
a clock and a decoupling capacitor. For more details on the
semi-custom filter program, contact Linear Technology’s
marketing department.
Demonstration Board
There is a demonstration board available for the LTC1067/
LTC1067-50. Demonstration board 150A has the LTC1067
part installed and the board 150B has the LTC1067-50
installed. The schematic for the board is shown in Figure
15 and the assembly drawing is shown in Figure 16. To
obtain a demonstration board, call your local representa-
tive or Linear Technology’s marketing department.
The demonstration board has all integrated circuits, con-
nectors and decoupling capacitors installed. The board is
ready to be configured with the appropriate resistors and
jumper connections.
There are two sets of power supply connections. One is for
the LTC1067/LTC1067-50 and the other is for the buffer-
ing op amp on the board. Having separate connections
gives the board the most flexibility. The two sets of
supplies can be connected together if a common supply is
desired.
When configuring the board for split supply operation, a
jumper wire must be installed in the JPAGND position.
This connects the AGND pin of the device to the ground
plane of the board. The JPVNEG jumper must be left open.
The power supply is then connected to V +, V – and GND
turrets (all of the GND turrets on the board are the same).
For single supply operation, insert a wire in the JPVNEG
jumper and leave the JPAGND jumper open. This connects
the V – pin to the board’s ground plane. The JPAGND
jumper must be left open so that the on-chip resistor
network can set the AGND potential at the midpoint of the
supply. Connect the power supply to V + and any GND
turret. The V – turret can be left open or shorted to the
adjacent GND turret. If the buffering op amp is run on the
same single voltage supply, the VOA+ turret and the V +
turrets must be connected together and the VOA – turret
must be shorted to the adjacent GND turret.
The J1 BNC connector is the clock input. There is a 200
Ω
series resistor connected between the connector and the
CLK pin of the part. This resistor, coupled with the CLK
pin’s input capacitance, slows down the rise and fall times
of the clock signal and decreases high frequency coupling.
The clock input is not terminated to 50
Ω or 75Ω. An
external terminator should be used.
Jumpers JP51 and JP61 are connected in parallel with
R51 and R61 respectively. Jumper JP51 connects the LPA
pin of the part with the SA pin. This can be used for
operating modes 1 or 2. Alternatively, a 0
Ω resistor in the
R51 position fulfills the same requirement. The JP61
jumper connects the SA pin of the part to the AGND pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com