Electronic Components Datasheet Search
  English  ▼

X  

PCI11010C Datasheet(PDF) 27 Page - Microchip Technology

Part # PCI11010C
Description  PCIe Switch with Integrated Ethernet MAC and Programmable I/O
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PCI11010C Datasheet(HTML) 27 Page - Microchip Technology

Back Button PCI11010C Datasheet HTML 23Page - Microchip Technology PCI11010C Datasheet HTML 24Page - Microchip Technology PCI11010C Datasheet HTML 25Page - Microchip Technology PCI11010C Datasheet HTML 26Page - Microchip Technology PCI11010C Datasheet HTML 27Page - Microchip Technology PCI11010C Datasheet HTML 28Page - Microchip Technology PCI11010C Datasheet HTML 29Page - Microchip Technology PCI11010C Datasheet HTML 30Page - Microchip Technology PCI11010C Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
2025 Microchip Technology Inc. and its subsidiaries
DS00006232A-page 27
PCI11010C
PTP_IO2
Ethernet Precision Time Protocol I/O 2
Note: Used for PTP input control and output events. Programmable as either a push-pull
output, an open-drain output, or a Schmitt-triggered input.
PTP_IO3
Ethernet Precision Time Protocol I/O 3
Note: Used for PTP input control and output events. Programmable as either a push-pull
output, an open-drain output, or a Schmitt-triggered input.
PTP_IO4
Ethernet Precision Time Protocol I/O 4
Note: Used for PTP input control and output events. Programmable as either a push-pull
output, an open-drain output, or a Schmitt-triggered input.
PTP_IO5
Ethernet Precision Time Protocol I/O 5
Note: Used for PTP input control and output events. Programmable as either a push-pull
output, an open-drain output, or a Schmitt-triggered input.
PTP_IO6
Ethernet Precision Time Protocol I/O 6
Note: Used for PTP input control and output events. Programmable as either a push-pull
output, an open-drain output, or a Schmitt-triggered input.
PTP_IO7
Ethernet Precision Time Protocol I/O 7
Note: Used for PTP input control and output events. Programmable as either a push-pull
output, an open-drain output, or a Schmitt-triggered input.
SPI Peripheral Interface Functions
SPI_PERI_CLK
SPI Peripheral Clock
This is the SPI clock input from the SPI controller. If the SPI interface is enabled, this pin
must be driven low during reset.
SPI_PERI_DO
SPI Peripheral Data Out
This is the data out for the SPI port when configured for SPI operation (MISO).
SPI_PERI_DI
SPI Peripheral Data In
This is the SPI data in to the controller from the SPI controller (MOSI). This pin must
have a weak pull-down applied at all times to prevent floating if configured for SPI opera-
tion.
SPI_PERI_CE_N
SPI Peripheral Chip Enable
This is an active low SPI chip enable input. If the SPI interface is enabled, this pin must
be pulled high in power-down states.
SPI_PERI_ALERT_N
SPI Peripheral Alert
SPI Controller Interface 0 Functions
SPI_CTRL0_CLK
SPI Controller 0 Clock
This is the SPI clock output from the SPI controller. If the SPI interface is enabled, this
pin must be driven low during reset.
TABLE 3-4:
PROGRAMMABLE FUNCTIONS DESCRIPTIONS (CONTINUED)
Programmable
Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com