Electronic Components Datasheet Search
  English  ▼

X  

PCI11010C Datasheet(PDF) 10 Page - Microchip Technology

Part # PCI11010C
Description  PCIe Switch with Integrated Ethernet MAC and Programmable I/O
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PCI11010C Datasheet(HTML) 10 Page - Microchip Technology

Back Button PCI11010C Datasheet HTML 6Page - Microchip Technology PCI11010C Datasheet HTML 7Page - Microchip Technology PCI11010C Datasheet HTML 8Page - Microchip Technology PCI11010C Datasheet HTML 9Page - Microchip Technology PCI11010C Datasheet HTML 10Page - Microchip Technology PCI11010C Datasheet HTML 11Page - Microchip Technology PCI11010C Datasheet HTML 12Page - Microchip Technology PCI11010C Datasheet HTML 13Page - Microchip Technology PCI11010C Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
2025 Microchip Technology Inc. and its subsidiaries
DS00006232A-page 10
PCI11010C
2.0
INTRODUCTION
2.1
General Description
The Microchip PCI11010C is a single-chip PCIe switch with an integrated Ethernet MAC and programmable I/O. The
integrated PCIe physical interfaces provide a 2-lane (2x8 GT/s) upstream port and a 1-lane (1x8 GT/s) downstream port.
The device is targeted to address customer requests for higher bandwidth PCIe subsystems within embedded applica-
tions, with a maximum line rate of 8 GT/s. PCIe upstream can be delivered across a single or multiple lanes to accom-
modate best system architecture. The PCI11010C includes a compliant PCIe implementation from external facing
physical interfaces through to switch fabric and endpoint controllers.
PCIe PTM communicates precise timing information between components for scenarios where the time difference
between the PCIe Host clock and the device clock needs to be determined, per PCI Express Base Specification R5.0
V1.0. PTM enables components to calculate the relationship between their local times and a shared, independent time
domain called PTM Master Time.
The PCI11010C also includes an IEEE 802.3 compliant 2.5 Gbps Ethernet MAC. The integrated RMII, RGMII, and
SGMII interfaces support 10/100 Mbps, 10/100/1000 Mbps, and 1/2.5 Gbps operation, respectively.
A programmable pin multiplexer is used to map I/O functions to package pins. This enables designers to work with either
a default configuration or modify signals to best fit their application. Example signals include those associated with GPIO
or SMBus, which are accessed via a dedicated PCIe Endpoint Controller.
Though many clocks are required for PCI11010C operation, these are generated within an integrated clock farm. Only
a single-ended 25 MHz clock or crystal is required externally together with a PCIe reference clock.
PCI11010C software presentation is enabled using standard abstractions to major operating systems.
The PCI11010C is available in a 100-pin VQFN package in commercial (0°C to +70°C), industrial (-40°C to +85°C), auto-
motive Grade 3 (-40°C to +85°C), or automotive Grade 2 (-40°C to +105°C) temperature ranges.
Note:
This document is for PCI11010C silicon revision C0 or newer only. For information on older PCI11010 silicon
revisions A0 or B0, contact your Microchip sales representative.
An internal block diagram of the PCI11010C is shown in Figure 2-1.
FIGURE 2-1:
INTERNAL BLOCK DIAGRAM
PCIe 1x Lane
Downstream Port
25 MHz XTAL
1.1V
PCIe
PHY C
PCIe EP
Controller
I/O Multiplexer
Peripheral Devices
PCIe PHY A
PCIe 2x Lanes (2x 8 GT/s)
Upstream Port
PCIe Switch
4x Gen3 Port
1x Gen3 Port
1x Gen2 Port
1x Gen1 Port
Configuration
Registers
8 GT/s
PCIe EP
Controller
3.3V
SMBUS/SPI/UART/
GPIO
PCI11010C
100 MHz
PCIe RefClk
OTP Memory
SPI or
SMBus
I2C
EEPROM
Embedded
Controller
Ethernet MAC
RMII/RGMII/SGMII
Multiplexer
PHY
Ethernet PHY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com